Electronic Components Datasheet Search
  English  ▼

X  

ATS617 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # ATS617
Description  Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS617 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button ATS617 Datasheet HTML 5Page - Allegro MicroSystems ATS617 Datasheet HTML 6Page - Allegro MicroSystems ATS617 Datasheet HTML 7Page - Allegro MicroSystems ATS617 Datasheet HTML 8Page - Allegro MicroSystems ATS617 Datasheet HTML 9Page - Allegro MicroSystems ATS617 Datasheet HTML 10Page - Allegro MicroSystems ATS617 Datasheet HTML 11Page - Allegro MicroSystems ATS617 Datasheet HTML 12Page - Allegro MicroSystems ATS617 Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Dynamic, Self-Calibrating, Peak-Detecting, Differential
Hall Effect Gear Tooth Sensor IC
ATS617LSG
9
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Ambient Temperature (°C)
-40
25
85
150
Rising Edge
Falling Edge
Rising Edge
Falling Edge
Rising Edge
Falling Edge
Rising Edge
Falling Edge
Rising Edge
Falling Edge
Rising Edge
Falling Edge
Air Gap (mm)
0
1.0
2.0
3.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
Air Gap (mm)
0
1.0
2.0
3.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
Air Gap (mm)
0
1.0
2.0
3.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
Air Gap (mm)
0
1.0
2.0
3.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
Air Gap (mm)
0
1.0
2.0
3.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
Air Gap (mm)
0
1.0
2.0
3.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
Air Gap (mm)
0
1.0
2.0
3.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
Air Gap (mm)
0
1.0
2.0
3.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
Air Gap (mm)
0
1.0
2.0
3.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
Air Gap (mm)
0
1.0
2.0
3.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
Air Gap (mm)
0
1.0
2.0
3.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
Air Gap (mm)
0
1.0
2.0
3.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
Speed = 10 rpm
Speed = 500 rpm
Edge Position versus Air Gap through Target Speed Range
Speed = 2000 rpm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com