Electronic Components Datasheet Search
  English  ▼

X  

ATS682 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # ATS682
Description  Miniature, Two-Wire, True Zero Speed Differential Peak-Detecting Sensor IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS682 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button ATS682 Datasheet HTML 5Page - Allegro MicroSystems ATS682 Datasheet HTML 6Page - Allegro MicroSystems ATS682 Datasheet HTML 7Page - Allegro MicroSystems ATS682 Datasheet HTML 8Page - Allegro MicroSystems ATS682 Datasheet HTML 9Page - Allegro MicroSystems ATS682 Datasheet HTML 10Page - Allegro MicroSystems ATS682 Datasheet HTML 11Page - Allegro MicroSystems ATS682 Datasheet HTML 12Page - Allegro MicroSystems ATS682 Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Miniature, Two-Wire, True Zero Speed
Differential Peak-Detecting Sensor IC
ATS682LSH
9
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Functional Description
Hall Technology
This single-chip differential Hall-effect sensor IC possesses
two Hall elements spaced at a fixed distance (1.5 mm), which
simultaneously are affected by the magnetic profile of the target,
and generate a differential internal analog voltage, VPROC, that is
processed for precise switching of the digital output signal.
The Hall IC is self-calibrating and also possesses a temperature
compensated amplifier and offset compensation circuitry. Its
voltage regulator provides supply noise rejection throughout the
operating voltage range. Changes in temperature do not greatly
affect this device due to the stable amplifier design and the offset
compensation circuitry. The Hall transducers and signal process-
ing electronics are integrated on the same silicon substrate, using
a proprietary BiCMOS process.
Target Profiling
An operating device is capable of providing digital informa-
tion that is representative of the magnetic features on a rotating
target. The waveform diagram shown in figure 3 represents the
automatic translation of the magnetic profile to the digital output
signal of the IC.
Output Polarity
Figure 3 shows the output polarity for the orientation of the target
and package shown in figure 2. The target direction of rotation
shown is perpendicular to the leads, across the face of the device,
from pin 1 to pin 4. This results in the IC output switching from
high, ICC(HIGH), to low ICC(LOW), as the leading edge of a tooth (a
rising mechanical edge, as detected by the IC) passes the branded
face. In this configuration, the device output current switches to
its low polarity when a tooth is the target feature nearest to the
branded face. If the direction of rotation is reversed, then the
output polarity inverts.
Note: the translated output voltage polarity is dependent on the
position of a sense resistor, RSENSE (see figure 4).
Target (Gear)
Back-biasing
Rare-earthPellet
South Pole
North Pole
Case
(Pin 1 Side)
(Pin 4 Side)
Hall IC
Pole Piece
Element Pitch
(Concentrator)
Dual-Element
Hall Effect Device
Hall Element 1
Hall Element 2
of Package
Rotating Target
Branded Face
1
4
ATS682
VCC
GND
V
CC
I
CC
1
4
VOUT(L)
ATS682
VCC
GND
V
CC
1
4
VOUT(H)
I
CC
R
SENSE
R
SENSE
IOUT
VOUT(H)
V+
VOUT(L)
V+
I+
Representative
Differential
Magnetic Profile
Target
Mechanical Profile
IC Electrical
Output Profile, IOUT
Figure 1. Relative motion of the target is detected by the dual Hall
elements mounted on the Hall IC.
Figure 4. Voltage profiles for high-side and low-side two-wire sensing.
Figure 3. Output Profile of a gear target for the polarity indicated in figure 2.
Figure 2. This left-to-right (pin 1 to pin 4) direction of target rotation results
in a low output signal when a tooth of the target gear is nearest the face
of the package (see Figure 3). A right-to-left (pin 4 to pin 1) rotation inverts
the output signal polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com