Electronic Components Datasheet Search
  English  ▼

X  

LMX321 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # LMX321
Description  Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LMX321 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button LMX321 Datasheet HTML 5Page - Maxim Integrated Products LMX321 Datasheet HTML 6Page - Maxim Integrated Products LMX321 Datasheet HTML 7Page - Maxim Integrated Products LMX321 Datasheet HTML 8Page - Maxim Integrated Products LMX321 Datasheet HTML 9Page - Maxim Integrated Products LMX321 Datasheet HTML 10Page - Maxim Integrated Products LMX321 Datasheet HTML 11Page - Maxim Integrated Products LMX321 Datasheet HTML 12Page - Maxim Integrated Products LMX321 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Detailed Description
Input Protection Circuit
The LMX321/LMX358/LMX324’s inputs are protected
from large differential input voltages by internal 3.5k
Ω
series resistors and back-to-back triple diode stacks
across the inputs (Figure 1). For differential input volt-
ages (much less than 1.8V), input resistance is typically
3M
Ω. For differential input voltages greater than 1.8V,
input resistance is around 7k
Ω, and the input bias cur-
rent can be approximated by the following equation:
IBIAS = (VDIFF - 1.8V) / 7kΩ
In the region where the differential input voltage
approaches 1.8V, input resistance decreases exponen-
tially from 3M
Ω to 7kΩ as the diode block begins con-
ducting. Inversely, the bias current increases with the
same curve.
Rail-to-Rail Output Stage
The LMX321/LMX358/LMX324 drive 2k
Ω loads and still
typically swing within 40mV of the supply rails. Figure 2
shows the output voltage swing of the LMX321 config-
ured with AVCL = +2V/V.
Driving Capacitive Loads
Driving a capacitive load can cause instability in many
op amps, especially those with low quiescent current.
The LMX321/LMX358/LMX324 are unity-gain stable for
a range of capacitive loads to above 400pF. Figure 4
shows the response of the LMX321 with an excessive
capacitive load. Adding a series resistor between the
output and the load capacitor (Figure 5) improves the
circuit’s response by isolating the load capacitance
from the op amp’s output.
Applications Information
Power-Up
The LMX321/LMX358/LMX324 outputs typically settle
within 10µs after power-up. Figure 6 shows the output
voltage on power-up and power-down.
Single/Dual/Quad, General-Purpose,
Low-Voltage, Rail-to-Rail Output Op Amps
_______________________________________________________________________________________
9
3.5k
Ω
3.5k
Ω
Figure 1. Input Protection Circuit
200
µs/div
2.5V
-2.5V
VOUT
1V/div
VIN
2V/div
VCC = 2.5V, VEE = -2.5V, AVCL = 2V/V
Figure 2. Rail-to-Rail Output Swing
RL
CL
LMX321
LMX358
LMX324
Figure 3. Capacitive-Load-Driving Circuit
4
µs/div
2.6V
2.4V
2.6V
2.4V
VOUT
100mV/div
VIN
100mV/div
VCC = 5V, VEE = 0, CL = 2.2nF
RL = 2kΩ
Figure 4. Output With Excessive Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com