Electronic Components Datasheet Search
  English  ▼

X  

P010397 Datasheet(PDF) 1 Page - E-SWITCH

Part # P010397
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P010397 Datasheet(HTML) 1 Page - E-SWITCH

  P010397 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL1107BF130EQ
3/22/2013
P010397
B
EBP
1
1
SUGGESTED PCB LAYOUT
1
2
12
2
12
A
21078
New Drawing Release
3/22/13
EBP
6.00
[.236 in]
8.54
[.336 in]
3.50
[.138 in]
1.00
[.039 in]
.90
[.035 in]
1.90
[.075 in]
.40
[.016 in]
MAX
.20
[.008 in]
3.50
[.138 in]
5.00
[.197 in]
1.50
[.059 in]
3.00
[.118 in]
4.10
[.161 in]
MAX
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. TERM. NOS. FOR REF. ONLY
3. GENERAL TOLERANCE: x.x = ± 0.4
x.xx = ± 0.25
4. RATING: 50mA @ 12 VDC
5. TRAVEL: 0.25 mm +0.2 / -0.1
6. CONTACT RESISTANCE: 100m OHMS MAX.
7. LIFE CYCLES: 50,000 CYCLES MIN.
8. PACKAGE: BULK 1,000 PCS PER BAG
9. OPERATING FORCE: 130 ± 50 gf
10.
DENOTE CRITICAL PARAMETER
11. 2002/95/EC (ROHS) COMPLIANT
6.33 -.00
.10
+
.249 -.000
.004
+
in
[]
8.24 .10
.324 .004 in
[]
3.75 -.00
.10
+
.148 -.000
.004
+
in
[]
1.30
[.051 in]
(2 PL)
1
2
CIRCUIT: SPST
.30
[.012 in]
ACTUATOR COLOR:
WHITE
HOUSING COLOR:
BLACK
B
21612
CHANGED COLOR TO WHITE
10/14/14
AS


Similar Part No. - P010397

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P010391 E-SWITCH-P010391 Datasheet
54Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010392 E-SWITCH-P010392 Datasheet
72Kb / 1P
TERMINAL NUMBERS FOR REF. ONLY
P010393 E-SWITCH-P010393 Datasheet
184Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010394 E-SWITCH-P010394 Datasheet
173Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - P010397

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com