Electronic Components Datasheet Search
  English  ▼

X  

OPA4872 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4872
Description  4:1 High-Speed Multiplexer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4872 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA4872 Datasheet HTML 9Page - Texas Instruments OPA4872 Datasheet HTML 10Page - Texas Instruments OPA4872 Datasheet HTML 11Page - Texas Instruments OPA4872 Datasheet HTML 12Page - Texas Instruments OPA4872 Datasheet HTML 13Page - Texas Instruments OPA4872 Datasheet HTML 14Page - Texas Instruments OPA4872 Datasheet HTML 15Page - Texas Instruments OPA4872 Datasheet HTML 16Page - Texas Instruments OPA4872 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
R =
O
2
75
(n
1)+804
´
-
´
1+
[75
(n
1)+804]
´
-
2
241200
- 1
R
F
V
O
R
G
R
I
Z
i
(S) ERR
i
ERR
a
V
I
OPA4872
www.ti.com
SBOS346C
– JUNE 2007 – REVISED MARCH 2011
Solving for RO, with n devices connected together,
OPERATING SUGGESTIONS
results in Equation 3:
SETTING RESISTOR VALUES TO OPTIMIZE
BANDWIDTH
The
output
stage
of
the
OPA4872
is
a
current-feedback op amp, meaning it can hold an
almost constant bandwidth over signal gain settings
(3)
with the proper adjustment of the external resistor
Results for n varying from 2 to 6 are given in Table 3.
values. This performance is shown in the Typical
Characteristic curves; the small-signal bandwidth
Table 3. Series Resistance versus
decreases only slightly with increasing gain. These
Number of Parallel Outputs
curves also show that the feedback resistor has been
changed for each gain setting. The resistor values on
NUMBER OF OPA4872s
RO (Ω)
the feedback path can be treated as frequency
2
69
response compensation elements while the ratio sets
3
63.94
the signal gain of the feedback resistor divided by the
4
59.49
gain resistor. Figure 32 shows the small-signal
5
55.59
frequency response analysis circuit for a current
feedback amplifier.
6
52.15
The two major limitations of this circuit are the device
requirements for each OPA4872 and the acceptable
return loss resulting from the mismatch between the
load and the matching resistor.
DESIGN-IN TOOLS
DEMONSTRATION FIXTURE
A printed circuit board (PCB) is available to assist in
the initial evaluation of circuit performance using the
OPA4872. The fixture is offered free of charge as an
unpopulated PCB, delivered with a user's guide. The
summary information for this fixture is shown in
Table 4.
Figure 32. Recommended Feedback Resistor
versus Noise Gain
Table 4. OPA4872 Demonstration Fixture
LITERATURE
PRODUCT
PACKAGE
ORDERING NUMBER
NUMBER
The key elements of this current-feedback op amp
model are:
OPA4872
SO-14
DEM-OPA-SO-1E
SBOU045
α → Buffer gain from the noninverting input to the
The demonstration fixture can be requested at the
inverting input
Texas Instruments web site at (www.ti.com) through
the OPA4872 product folder.
RI → Buffer output impedance
iERR → Feedback error current signal
MACROMODELS AND APPLICATIONS SUPPORT
Z(s)
→
Frequency-dependent
open-loop
Computer simulation of circuit performance using
transimpedance gain from iERR to VO
SPICE
is
often
useful
when
analyzing
the
performance of analog circuits and systems. This
The buffer gain is typically very close to 1.00 and is
practice is particularly true for video and RF amplifier
normally neglected from signal gain considerations. It
circuits, where parasitic capacitance and inductance
will, however, set the CMRR for a single op amp
can have a major effect on circuit performance. A
differential amplifier configuration. For a buffer gain
SPICE model for the OPA4872 is available through
α < 1.0, the CMRR = –20 × log (1 – α) dB.
the Texas Instruments web site at www.ti.com. This
model does a good job of predicting small-signal ac
and transient performance under a wide variety of
operating conditions. It does not do as well in
predicting
the
harmonic
distortion
or
dG/dP
characteristics.
Copyright
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): OPA4872



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com