Electronic Components Datasheet Search
  English  ▼

X  

DS89C21TM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS89C21TM
Description  Differential CMOS Line Driver and Receiver Pair
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS89C21TM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS89C21TM Datasheet HTML 1Page - National Semiconductor (TI) DS89C21TM Datasheet HTML 2Page - National Semiconductor (TI) DS89C21TM Datasheet HTML 3Page - National Semiconductor (TI) DS89C21TM Datasheet HTML 4Page - National Semiconductor (TI) DS89C21TM Datasheet HTML 5Page - National Semiconductor (TI) DS89C21TM Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Electrical Characteristics (Notes 2, 3) (Continued)
Over recommended supply voltage and operating temperature ranges, unless otherwise specified.
Symbol
Parameter
Conditions
Pin
Min
Typ
Max
Units
DRIVER AND RECEIVER CHARACTERISTICS
I
CC
Supply Current
No Load
DI = V
CC or GND
V
CC
3.0
6
mA
DI = 2.4V or 0.5V
3.8
12
mA
Switching Characteristics (Note 3)
Over recommended supply voltage and operating temperature ranges, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DIFFERENTIAL DRIVER CHARACTERISTICS
t
PLHD
Propagation Delay LOW to HIGH
R
L = 100Ω
(
Figures 2, 3)
2
4.9
10
ns
t
PHLD
Propagation Delay HIGH to LOW
C
L = 50 pF
2
4.5
10
ns
t
SKD
Skew, |t
PLHD–t PHLD|
0.4
2.0
ns
t
TLH
Transition Time LOW to HIGH
(
Figures 2, 4)
2.2
9
ns
t
THL
Transition Time HIGH to LOW
2.1
9
ns
RECEIVER CHARACTERISTICS
t
PLH
Propagation Delay LOW to HIGH
C
L = 50 pF
(
Figures 5, 6)
6
18
30
ns
t
PHL
Propagation Delay HIGH to LOW
V
DIFF = 2.5V
6
17.5
30
ns
t
SK
Skew, |t
PLH–t PHL|VCM = 0V
0.5
4.0
ns
t
r
Rise Time
(
Figure 7)
2.5
9
ns
t
f
Fall Time
2.1
9
ns
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The tables of “Electrical Characteristics” specify conditions for device operation.
Note 2: Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground unless otherwise
specified.
Note 3: All typicals are given for VCC = 5.0V and T A = 25˚C.
Note 4: f = 1 MHz, tr and tf ≤ 6 ns.
Note 5: ESD Rating: HBM (1.5 k
Ω, 100 pF) all pins ≥ 2000V.
EIAJ (0
Ω, 200 pF) ≥ 250V
Parameter Measurement Information
DS011753-2
FIGURE 1. V
OD and VOC Test Circuit
www.national.com
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com