Electronic Components Datasheet Search
  English  ▼

X  

DS89C386 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS89C386
Description  Twelve Channel CMOS Differential Line Receiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS89C386 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS89C386 Datasheet HTML 1Page - National Semiconductor (TI) DS89C386 Datasheet HTML 2Page - National Semiconductor (TI) DS89C386 Datasheet HTML 3Page - National Semiconductor (TI) DS89C386 Datasheet HTML 4Page - National Semiconductor (TI) DS89C386 Datasheet HTML 5Page - National Semiconductor (TI) DS89C386 Datasheet HTML 6Page - National Semiconductor (TI) DS89C386 Datasheet HTML 7Page - National Semiconductor (TI) DS89C386 Datasheet HTML 8Page - National Semiconductor (TI) DS89C386 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DS89C386
Twelve Channel CMOS Differential Line Receiver
General Description
The DS89C386 is a high speed twelve channel CMOS differ-
ential receiver that meets the requirements of TIA/
EIA-422-B. The DS89C386 features low power dissipation of
240 mW typical.
Each TRI-STATE® enable, EN, allows the receiver output to
be active or in a Hi-impedance off state. Each enable is com-
mon to only two receivers for flexibility and multiplexing of re-
ceiver outputs.
The receiver output (RO) is guaranteed to be High when the
inputs are left open and unterminated. The receiver can de-
tect signals as low and including ±200 mV over the common
mode range of ±7V. The receiver outputs (RO) are compat-
ible with both TTL and CMOS levels.
Features
n Low power design — 240 mW typical
n Meets TIA/EIA-422-B (RS-422)
n Receiver OPEN input failsafe feature
n Guaranteed AC parameters:
— Maximum receiver skew −4 ns
— Maximum transition time −9 ns
n High Output Drive Capability: ±6mA
n Available in SSOP packaging:
— Requires 30% less PCB space than 3 DS34C86TMs
Connection Diagram
Function Diagram
Truth Table
Enable
Inputs
Output
EN
RI–RI*
RO
LX
Z
H
≥200 mV or OPEN†
H
H
≤ −200 mV
L
H
+200 mV > and > −200 mV
X
†Not terminated.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
48L SSOP
DS89C386
DS012085-1
Order Number DS89C386TMEA
See NS Package Number MS48A
DS012085-2
1/6 of package
May 1995
© 1998 National Semiconductor Corporation
DS012085
www.national.com


Similar Part No. - DS89C386

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS89C386TMEA NSC-DS89C386TMEA Datasheet
570Kb / 10P
Twelve Channel CMOS Differential Line Receiver
logo
Texas Instruments
DS89C386TMEA TI1-DS89C386TMEA Datasheet
324Kb / 13P
Twelve Channel CMOS Differential Line Receiver
DS89C386TMEA/NOPB TI1-DS89C386TMEA/NOPB Datasheet
324Kb / 13P
Twelve Channel CMOS Differential Line Receiver
DS89C386 TI1-DS89C386_16 Datasheet
324Kb / 13P
Twelve Channel CMOS Differential Line Receiver
More results

Similar Description - DS89C386

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS34C86T NSC-DS34C86T Datasheet
196Kb / 8P
Quad CMOS Differential Line Receiver
DS89C387 NSC-DS89C387 Datasheet
158Kb / 10P
Twelve Channel CMOS Differential Line Driver
DC89C386 NSC-DC89C386 Datasheet
570Kb / 10P
Twelve Channel CMOS Differential Line Receiver
DS89C387_06NNN NSC-DS89C387_06NNN Datasheet
304Kb / 12P
Twelve Channel CMOS Differential Line Driver
logo
Texas Instruments
DS34C86TMX TI-DS34C86TMX Datasheet
839Kb / 13P
DS34C86T Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS89C387TMEA NSC-DS89C387TMEA Datasheet
317Kb / 12P
DS89C387 Twelve Channel CMOS Differential Line Driver
logo
Texas Instruments
DS89C386 TI1-DS89C386_16 Datasheet
324Kb / 13P
Twelve Channel CMOS Differential Line Receiver
DS89C387 TI1-DS89C387_16 Datasheet
339Kb / 15P
Twelve Channel CMOS Differential Line Driver
DS90C032 TI1-DS90C032_16 Datasheet
864Kb / 18P
Quad CMOS Differential Line Receiver
logo
ARTSCHIP ELECTRONICS CO...
DS34C86T ARTSCHIP-DS34C86T Datasheet
215Kb / 6P
Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com