Electronic Components Datasheet Search
  English  ▼

X  

BYT77 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # BYT77
Description  FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BYT77 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  BYT77 Datasheet HTML 1Page - Diode Semiconductor Korea BYT77 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cos t
Diffus ed junction
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Cas e: JEDEC DO--27,m olded plas tic
Term inals : Axial lead ,s olderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.041ounces , 1.15 gram s
Mounting pos ition: Any
Ratings at 25
am bient tem perature unles s otherwis e s pecified.
Single phas e,half wave,50Hz,res is tive or inductive load. For capacitive load,derate by 20%.
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average f orw ard rectif ied current
9.5mm lead length,
@T
A=75
Peak f orw ard surge current
10ms single half -sine-w ave
superimposed on rated load
@T
J =125
Maximum instantaneous f orw ard voltage
@ 3.0 A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A =125
Maximum reverse recovery time (Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
N OTE:1. Meas ured with I
F =0.5A, I R=1A, I rr=0. 25A.
2. Meas ured at 1.0MH
Z and applied rev ers e v olt age of 4. 0V D C .
3. Therm al resis tanc e f rom junc tion to am bient.
BYT78
800
560
1000
700
-55-----+150
-55-----+150
5.0
150
32
25
300
VOLT AGE RANGE: 800 --- 1000 V
CURRENT : 3.0 A
DO - 27
FAST RECOVERY RECT IFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Eas ily cleaned with Freon Alcohol,Is opropanol and
s im ilar s olvents
IF(AV)
BYT77
100
800
1000
3.0
A
IFSM
IR
A
A
1.1
Dimensions in millimeters
BYT77---BYT78
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - BYT77

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYT77 VISHAY-BYT77 Datasheet
43Kb / 4P
Fast Silicon Mesa Rectifiers
07-Dec-99
BYT77 VISHAY-BYT77 Datasheet
104Kb / 4P
Fast Avalanche Sinterglass Diode
30-Jul-10
logo
Shenzhen Luguang Electr...
BYT77 LUGUANG-BYT77 Datasheet
173Kb / 2P
Fast Recovery Rectifiers
logo
Vishay Siliconix
BYT77 VISHAY-BYT77 Datasheet
125Kb / 4P
Fast Avalanche Sinterglass Diode
Rev. 1.9, 21-Feb-18
BYT77 VISHAY-BYT77_10 Datasheet
104Kb / 4P
Fast Avalanche Sinterglass Diode
30-Jul-10
More results

Similar Description - BYT77

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
S5295B EIC-S5295B Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
ERD29-02 BILIN-ERD29-02 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIERS
FR05-12 BILIN-FR05-12 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
FR301 HY-FR301 Datasheet
90Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
FR201 SECOS-FR201_15 Datasheet
166Kb / 2P
Fast Recovery Rectifiers
SMF101MH SECOS-SMF101MH_15 Datasheet
369Kb / 3P
Fast Recovery Rectifiers
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
1N4947 LRC-1N4947_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com