Electronic Components Datasheet Search
  English  ▼

X  

BYV16 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # BYV16
Description  FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BYV16 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  BYV16 Datasheet HTML 1Page - Diode Semiconductor Korea BYV16 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
2
4
10
8
20
40 60 80 100
0
TJ
=125
8.3msSingleHalf
Sine-Wave
10
20
30
40
50
60
70
80
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.02
0.06
0.04
0.1
0.2
0.4
1.0
2
4
10
100
TJ=25
Pulse Width=300
µS
1.8
2.0
80
0
0
0.2
40
20
60
160
120
100
140
180
0.8
0.4
0.6
1.0
1.2
1.4
1.6
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
N.1.
50
N.1.
OSCILLOSCOPE
(NOTE 1)
(+)
50VDC
(APPROX)
(-)
10
N.1.
(- )
(+ )
-1.0A
-0.25A
0
+0.5A
trr
1cm
FIG.7 --TYPICAL JUNCTION CAPACITANCE
FIG.4-- PEAK FORWARD SURGE CURRENT
2. RISETIME= 10ns MAX. SOURCEIMPEDANCE= 50
FIG.1 -- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
NOTES: 1. RISETIME= 7ns MAX. INPUTIMPEDANCE= 1M . 22PF
SETTIMEBASEFOR50/100 ns /cm
FIG.2 --TYPICAL FORWARD CHARACTERISTIC
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,VOLTS
BYV12(Z)---BYV16(Z)
FIG.3-- FORWARD DERATING CURRENT
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
AMBIENT TEMPERATURE,
1
.1
1.0
2
4
6
10
40
20
100
60
200
4
10
20
40
100
.2
.4
2
TJ=25
f=1MHz
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com