Electronic Components Datasheet Search
  English  ▼

X  

BYW72 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # BYW72
Description  FAST RECOVERY RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BYW72 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  BYW72 Datasheet HTML 1Page - Diode Semiconductor Korea BYW72 Datasheet HTML 2Page - Diode Semiconductor Korea BYW72 Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TL=CONSTANT
0
10
5
2 0
15
25
30
0
10
20
30
40
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.02
0.06
0.04
0.1
0.2
0.4
1.0
2
4
10
100
TJ=25
Pulse Width=300
µS
1.8
2.0
.1
.2
.4
1.0
2
4
10
20
40
100
1
2
4
10
20
40
60
100
TJ=25
f=1MHz
1
0
20
TJ=125
8.3ms Single Half
Sine-Wave
24
10
8100
40
60 80
50
150
200
100
0
100
25
300
200
75
100
125
150
50
50
250
150
VR=VRRM
PR-LIMIT
@100%VR
PR-LIMIT
@80%VR
75
25
0
50
Single Phase
Half Wave 60H Z
Resistive or
Inductive Load
100
125
175
150
1
2
3
FIG.5-- MAX.REVERSEPOWERDISSIPATION
FIG.6--TYPICAL JUNCTIONCAPACITANCE
VS. JUNCTIONTEMPERATURE
LEADLENGTH(mm)
FIG.3 --FORWARDDERATINGCURVE
INSTANTANEOUS FORWARDVOLTAGE,VOLTS
FIG.1 --MAX,THERMAL RESISTANCEVS.LEADLENGTH
JUNCTIONTEMPERATURE,
REVERSE VOLTAGE,VOLTS
BYW72(Z)---BYW76(Z)
FIG.4--PEAKFORWARDSURGECURRENT
AMBIENTTEMPERATURE,
NUMBEROF CYCLES AT60Hz
FIG.2 --TYPICAL FORWARDCHARACTERISTIC
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com