Electronic Components Datasheet Search
  English  ▼

X  

BZX55 Datasheet(PDF) 3 Page - Diode Semiconductor Korea

Part # BZX55
Description  Silicon planar power zener diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BZX55 Datasheet(HTML) 3 Page - Diode Semiconductor Korea

  BZX55 Datasheet HTML 1Page - Diode Semiconductor Korea BZX55 Datasheet HTML 2Page - Diode Semiconductor Korea BZX55 Datasheet HTML 3Page - Diode Semiconductor Korea BZX55 Datasheet HTML 4Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
mA
50
40
30
10
20
0
1
IZ
10 V
VZ
0
2
34
567
89
Test current Iz
5mA
BZX55...
C8V2
C6V8
C5V6
C4V7
C3V9
C3V3
C2V7
C0V8
TJ=25 C
0
BZX55---SERIES
FIG.1 -- BREAKDAWN CHARACTERISTICS
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com