Electronic Components Datasheet Search
  English  ▼

X  

MP15005 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # MP15005
Description  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MP15005 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  MP15005 Datasheet HTML 1Page - Diode Semiconductor Korea MP15005 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
16.1± 0.5
14.3± 0.5
28.6± 0.4
6.4 0.8
φ
5.2
TYP
.
METAL HEAT SINK
PLASTIC
FEATURES
Rating to 1000V PRV
Surge overload rating to 300 Amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
MP
1502
MP
1504
MP
1506
MP
1508
MP
1510
UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average forw ard
Output current
@T
A=25
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
Maximum instantaneous forw ard voltage
at
7.5A
VF
V
Maximum reverse current
@T
A=25
μA
at rated DC blocking voltage @T
A=100
mA
Operating junction temperature range
TJ
Storage temperature range
TSTG
MP
15005
MP
1501
50
100
1.1
1.0
300.0
IFSM
MP15005---MP1510
A
10.0
plastic technique results in inexpensive product
IF(AV)
15.0
SILICON BRIDGE RECTIFIERS
Lead solderable per MIL-STD-202 method 208
A
- 55 ---- + 150
- 55 ---- + 1
25
IR
100
70
VOLTAGE RANGE: 50 --- 1000 V
CURRENT:
15.0 A
35
50
MP
Dimensions in millimeters
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - MP15005

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
MP15005 BILIN-MP15005 Datasheet
101Kb / 2P
SILICON BRIDGE RECTIFIERS
MP15005 BILIN-MP15005 Datasheet
101Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
RFE international
MP15005 RFE-MP15005 Datasheet
902Kb / 4P
BRIDGE RECTIFIERS 10 Amps
logo
Microdiode Semiconducto...
MP15005 CHENDA-MP15005 Datasheet
385Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Formosa MS
MP15005 FORMOSA-MP15005 Datasheet
112Kb / 6P
Bridge Rectifier
More results

Similar Description - MP15005

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com