Electronic Components Datasheet Search
  English  ▼

X  

OPA620 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA620
Description  OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA620 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA620 Datasheet HTML 7Page - Texas Instruments OPA620 Datasheet HTML 8Page - Texas Instruments OPA620 Datasheet HTML 9Page - Texas Instruments OPA620 Datasheet HTML 10Page - Texas Instruments OPA620 Datasheet HTML 11Page - Texas Instruments OPA620 Datasheet HTML 12Page - Texas Instruments OPA620 Datasheet HTML 13Page - Texas Instruments OPA620 Datasheet HTML 14Page - Texas Instruments OPA620 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
®
OPA620
Many demanding high-speed applications such as ADC/
DAC buffers require op amps with low wideband output
impedance. For example, low output impedance is essential
when driving the signal-dependent capacitances at the inputs
of flash A/D converters. As shown in Figure 3, the OPA620
maintains very low closed-loop output impedance over
frequency. Closed-loop output impedance increases with
frequency since loop gain is decreasing with frequency.
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
10
1
0.1
0.01
G = +10V/V
G = +1V/V
G = +2V/V
FIGURE 3. Small-Signal Output Impedance vs Frequency.
THERMAL CONSIDERATIONS
The OPA620 does not require a heat sink for operation in
most environments. The use of a heat sink, however, will
reduce the internal thermal rise and will result in cooler,
more reliable operation. At extreme temperatures and under
full load conditions a heat sink is necessary. See “Maximum
Power Dissipation” curve, Figure 4.
FIGURE 4. Maximum Power Dissipation.
The internal power dissipation is given by the equation P
D =
P
DQ + PDL, where PDQ is the quiescent power dissipation and
P
DL is the power dissipation in the output stage due to the
load. (For
±V
CC = ±5V, PDQ = 10V
x 23mA = 230mW, max).
For the case where the amplifier is driving a grounded load
(R
L) with a DC voltage (±VOUT) the maximum value of PDL
occurs at
±V
OUT
=
±V
CC/2, and is equal to PDL, max =
(
±V
CC)
2/4R
L. Note that it is the voltage across the output
transistor, and not the load, that determines the power
dissipated in the output stage.
When the output is shorted to ground, P
DL = 5V x 150mA =
750mW. Thus, P
D = 230mW + 750mW ≈ 1W. Note that the
short-circuit condition represents the maximum amount of
internal power dissipation that can be generated. Thus, the
“Maximum Power Dissipation” curve starts at 1W and is
derated based on a 175
°C maximum junction temperature
and the junction-to-ambient thermal resistance,
θ
JA, of each
package. The variation of short-circuit current with tempera-
ture is shown in Figure 5.
FIGURE 6. Driving Capacitive Loads.
OPA620
C
L
R
L
R
S
(R typically 5
to 25 )
S
ΩΩ
CAPACITIVE LOADS
The OPA620’s output stage has been optimized to drive
resistive loads as low as 50
Ω. Capacitive loads, however,
will decrease the amplifier’s phase margin which may cause
high frequency peaking or oscillations. Capacitive loads
greater than 20pF should be buffered by connecting a small
resistance, usually 5
Ω to 25Ω, in series with the output as
shown in Figure 6. This is particularly important when
driving high capacitance loads such as flash A/D converters.
In general, capacitive loads should be minimized for
optimum high frequency performance. Coax lines can be
driven if the cable is properly terminated. The capacitance of
coax cable (29pF/foot for RG-58) will not load the amplifier
when the coaxial cable or transmission line is terminated in
its characteristic impedance.
FIGURE 5. Short-Circuit Current vs Temperature.
250
200
150
100
50
–75
–50
–25
0
+25
+50
+75
+100
+125
Ambient Temperature (°C)
+I
SC
– I
SC
Cerdip
Package
1.2
1.0
0.8
0.6
0.4
0.2
0
0
+25
+50
+75
+100
+125
+150
Ambient Temperature (°C)
Plastic DIP, SO-8
Packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com