Electronic Components Datasheet Search
  English  ▼

X  

OPA620KP Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA620KP
Description  OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA620KP Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA620KP Datasheet HTML 3Page - Texas Instruments OPA620KP Datasheet HTML 4Page - Texas Instruments OPA620KP Datasheet HTML 5Page - Texas Instruments OPA620KP Datasheet HTML 6Page - Texas Instruments OPA620KP Datasheet HTML 7Page - Texas Instruments OPA620KP Datasheet HTML 8Page - Texas Instruments OPA620KP Datasheet HTML 9Page - Texas Instruments OPA620KP Datasheet HTML 10Page - Texas Instruments OPA620KP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
®
OPA620
TYPICAL PERFORMANCE CURVES (CONT)
At VCC = ±5VDC, RL = 100Ω, and TA = +25°C, unless otherwise noted.
–50
A
, PSR, AND CMR vs TEMPERATURE
80
70
60
50
40
–75
–25
0
+25
+50
+75
+100
Temperature (°C)
+125
OL
A
OL
PSR
CMR
–50
FREQUENCY CHARACTERISTICS vs TEMPERATURE
2.0
1.5
1.0
0.5
0
–75
–25
0
+25
+50
+75
+100
Temperature (°C)
+125
Gain-Bandwidth
Slew Rate
Settling Time
SETTLING TIME vs OUTPUT VOLTAGE CHANGE
160
140
80
40
0
02
4
6
Output Voltage Change (V)
100
8
120
60
20
G = –1V/V
0.01%
0.1%
–2
SETTLING TIME vs CLOSED-LOOP GAIN
100
80
40
20
0
–1
–3
–4
–5
–6
–7
–9
Closed-Loop Amplifier Gain (V/V)
60
–8
V = 2V Step
O
–10
0.01%
0.1%
SMALL-SIGNAL TRANSIENT RESPONSE
–50
0
+50
0
25
50
Time (ns)
0
LARGE-SIGNAL TRANSIENT RESPONSE
100
200
Time (ns)
+3
0
–3
G = +1V/V
R
L= 50Ω
C
L = 15pF
G = +1V/V
R
L= 50Ω
C
L = 15pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com