Electronic Components Datasheet Search
  English  ▼

X  

OPA642 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA642
Description  Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA642 Datasheet(HTML) 2 Page - Texas Instruments

  OPA642 Datasheet HTML 1Page - Texas Instruments OPA642 Datasheet HTML 2Page - Texas Instruments OPA642 Datasheet HTML 3Page - Texas Instruments OPA642 Datasheet HTML 4Page - Texas Instruments OPA642 Datasheet HTML 5Page - Texas Instruments OPA642 Datasheet HTML 6Page - Texas Instruments OPA642 Datasheet HTML 7Page - Texas Instruments OPA642 Datasheet HTML 8Page - Texas Instruments OPA642 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
®
OPA642
OPA642P, U, N
OPA642PB, UB, NB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
SPECIFICATIONS
ELECTRICAL
At TA = +25°C, VS = ±5V, RL = 100Ω, RF = 402Ω, unless otherwise noted. RF = 25Ω for a gain of +1.
OFFSET VOLTAGE
Input Offset Voltage
±1.5
±4
±0.5
±1.0
mV
Average Drift
42
µV/°C
Power Supply Rejection (PSR)
VS = ±4.5 to ±5.5V
65
85
73
95
dB
INPUT BIAS CURRENT
Input Bias Current
VCM = 0V
25
45
TT
µA
Over Specified Temperature
70
TT
µA
Input Offset Current
VCM = 0V
0.1
2.0
TT
µA
Over Specified Temperature
3.0
TT
µA
NOISE
Input Voltage Noise
Noise Density: f
≥ 1MHz
2.7
T
nV/
√Hz
Integrated Voltage Noise, BW = 100Hz to 100MHz
27
T
µVrms
Input Bias Current Noise Density
f
≥ 1MHz
2.8
T
pA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Input Range
±2.75
±3.0
TT
V
Over Temperature
±2.5
T
V
Common-Mode Rejection (CMR)
VCM = ±0.5V
65
90
80
T
dB
INPUT IMPEDANCE
Differential
11 || 1
T
k
Ω || pF
Common-Mode
650 || 1
T
k
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain (AOL)VO = ±2V, RL = 100Ω
80
95
85
98
dB
Over Specified Temperature
80
T
dB
FREQUENCY RESPONSE
Closed-Loop Response
Gain = +1V/V
400
T
MHz
Gain = +2V/V
150
T
MHz
Gain = +5V/V
45
T
MHz
Gain = +10V/V
21
T
MHz
Gain Bandwidth Product (GBP)
210
T
MHz
Slew Rate(1)
G = +1, 2V Step
380
T
V/
µs
At Minimum Specified Temperature
G = +1, 2V Step
340
T
V/
µs
Settling Time: 0.01%
G = +1, 1V Step
13
T
ns
0.1%
G = +1, 1V Step
11.5
T
ns
1%
G = +1, 1V Step
3.5
T
ns
Spurious Free Dynamic Range (SFDR)
G = +1, f = 5MHz
92
95
dBc
VO = 2Vp-p, RL = 100Ω
Diff. Gain Error at 3.58MHz, G = +2V/V
VO = 0V to 1.4V, RL = 150Ω
0.007
T
%
Diff. Phase Error at 3.58MHz, G = +2V/V
VO = 0V to 1.4V, RL = 150Ω
0.008
T
degrees
OUTPUT
Voltage Output
No Load
±3.5
T
V
Over Specified Temperature
±3.0
T
V
Voltage Output
RL = 100Ω±2.75
T
V
Over Specified Temperature
±2.5
TT
V
Current Output, +25
°C
±40
±60
±50
±65
mA
Over Specified Temperature
±35
±40
mA
Closed-Loop Output Resistance
0.1MHz, G = +1V/V
0.01
T
Ω
POWER SUPPLY
Specified Operating Voltage
±5
T
V
Operating Voltage Range
TMIN to TMAX
±4.5
±5.5
TT
V
Quiescent Current
±20
±25
±16
TT
mA
Over Specified Temperature
±26
T
mA
TEMPERATURE RANGE
Specification: P, U, N, PB, UB, NB
Ambient
–40
+85
TT
°C
Thermal Resistance
θ
JA, Junction-to-Ambient
°C/W
P, PB
8-Pin DIP
100
T
°C/W
U, UB
8-Pin SO-8
125
T
°C/W
N, NB
5-Pin SOT23-5
150
T
°C/W
T Indicates same specification as for OPA642P, U, N.
NOTE: (1) Slew rate is rate of change from 10% to 90% of output voltage step.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com