Electronic Components Datasheet Search
  English  ▼

X  

OPA77 Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA77
Description  Precision OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA77 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA77 Datasheet HTML 2Page - Texas Instruments OPA77 Datasheet HTML 3Page - Texas Instruments OPA77 Datasheet HTML 4Page - Texas Instruments OPA77 Datasheet HTML 5Page - Texas Instruments OPA77 Datasheet HTML 6Page - Texas Instruments OPA77 Datasheet HTML 7Page - Texas Instruments OPA77 Datasheet HTML 8Page - Texas Instruments OPA77 Datasheet HTML 9Page - Texas Instruments OPA77 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
®
OPA177
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±15V, unless otherwise noted.
40
35
30
25
20
15
01
2
3
4
Time from Output Being Shorted (min)
OUTPUT SHORT-CIRCUIT CURRENT vs TIME
SC
I
–
SC
I
+
20
15
10
5
0
100
10k
Load Resistance to Ground ( )
MAXIMUM OUTPUT VOLTAGE vs LOAD RESISTANCE
1k
Ω
Negative
Output
Positive
Output
32
28
24
20
16
12
8
4
0
1k
10k
100k
1M
Frequency (Hz)
MAXIMUM OUTPUT SWING vs FREQUENCY
G = +1
R = 2k
L
Ω
100
10
1
0
10203040
Total Supply Voltage (V)
POWER CONSUMPTION vs POWER SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com