Electronic Components Datasheet Search
  English  ▼

X  

OPA642UB Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA642UB
Description  Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA642UB Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA642UB Datasheet HTML 8Page - Texas Instruments OPA642UB Datasheet HTML 9Page - Texas Instruments OPA642UB Datasheet HTML 10Page - Texas Instruments OPA642UB Datasheet HTML 11Page - Texas Instruments OPA642UB Datasheet HTML 12Page - Texas Instruments OPA642UB Datasheet HTML 13Page - Texas Instruments OPA642UB Datasheet HTML 14Page - Texas Instruments OPA642UB Datasheet HTML 15Page - Texas Instruments OPA642UB Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
®
OPA642
13
FIGURE 8. DC Coupled, Inverting Gain of –2, with Output
Offset Adjustment.
closest integer for minimum noise figure. This optimum
turns ratio is calculated by
This optimum will depend strongly on the amplifier and
configuration selected.
the offset control is best applied as an inverting summing
signal. If the signal path is intended to be inverting, applying
the offset control to the non-inverting input can be consid-
ered. For a DC coupled signal, the DC offset signal can, in
some configurations, set up a DC current back into the
source that must be considered. An adjustment placed on the
inverting op amp input can also change the noise gain and
frequency response flatness. Figure 8 shows one example of
an offset adjustment for a DC coupled signal path that will
have minimum impact on the signal frequency response. In
this case, the input is brought in to an inverting gain resistor
with the DC adjustment an additional current summed into
the inverting node. The resistor network setting this current
is much larger than the signal path resistors. This will insure
that this adjustment has minimal impact on the loop gain and
hence the frequency response.
FIGURE 7. Reduced Noise Figure Circuit.
DC OFFSET CONTROL
The OPA642 can provide excellent DC signal accuracy due
to its high open-loop gain, high common-mode rejection,
high power supply rejection, and low input offset voltage
and bias current offset errors. The high grade (B) version of
any package type provides less than 1mV input offset
voltage. To take full advantage of this low input offset
voltage, a careful attention to input bias current cancellation
is also required. The high speed input stage for the OPA642
has a relatively high input bias current (25
µA typ into the
pins) but with a very close match between the two input
currents—typically 100nA input offset current. The total
output offset voltage may be considerably reduced by match-
ing the source impedances looking out of the two inputs. For
example, one way to add bias current cancellation to the
circuit of Figure 1 would be to insert a 175
Ω series resistor
into the non-inverting input from the 50
Ω terminating resis-
tor. When the 50
Ω source resistor is DC coupled, this will
increase the source impedance for the non-inverting input
bias current to 200
Ω. Since this is now equal to the imped-
ance looking out of the inverting input (RF || RG), the circuit
will cancel the gains for the bias currents to the output
leaving only the offset current times the feedback resistor as
a residual DC error term at the output. Using a 402
Ω
feedback resistor, this output error will now be less than 3
µA
• 402
Ω = 1.2mV.
A fine scale output offset null, or DC operating point
adjustment, is sometimes required. Numerous techniques
are available for introducing a DC offset control into an op
amp circuit. Most of these techniques eventually reduce to
setting up a DC current through the feedback resistor. One
key consideration to selecting a technique is to insure that it
has a minimal impact on the desired signal path frequency
response. If the signal path is intended to be non-inverting,
R
F
1k
Ω
±200mV Output Adjustment
= –
= –2
Supply Decoupling
Not Shown
5k
Ω
5k
Ω
328
Ω
0.1µF
R
G
500
Ω
V
I
20k
Ω
10k
Ω
0.1µF
–5V
+5V
OPA642
+5V
–5V
V
O
V
O
V
I
R
F
R
G
THERMAL ANALYSIS
The OPA642 will not require heatsinking under most oper-
ating conditions. Maximum desired junction temperature
will set a maximum allowed internal power dissipation as
described below. In no case should the maximum junction
temperature be allowed to exceed 175
°C.
Operating junction temperature (T
J)
is given by
TA + PD • θJA. The total internal power dissipation (PD) is the
sum of quiescent power (PDQ) and additional power dissi-
pated in the output stage (PDL) to deliver load power.
Quiescent power is simply the specified no-load supply
current times the total supply voltage across the part. PDL
will depend on the required output signal and load but
would, for a grounded resistive load, be at a maximum when
the output is fixed at a voltage equal to 1/2 either supply
voltage (for equal bipolar supplies). Under this condition
P
DL = VS
2/(4 • R
L) where RL includes feedback network
loading.
Eq. 4
N
OPT = Nearest Integer
E
N /I BN • RS /2
()
()
402
Ω
50
Ω
A
V = 7V/V [16.9dB]
Supply Decoupling
Not Shown
6.3dB
Noise Figure
R
S = 50Ω
1:7
OPA642
402
Ω
2.4k
Ω
50
Ω
Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com