Electronic Components Datasheet Search
  English  ▼

X  

OPA650 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA650
Description  Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA650 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA650 Datasheet HTML 5Page - Texas Instruments OPA650 Datasheet HTML 6Page - Texas Instruments OPA650 Datasheet HTML 7Page - Texas Instruments OPA650 Datasheet HTML 8Page - Texas Instruments OPA650 Datasheet HTML 9Page - Texas Instruments OPA650 Datasheet HTML 10Page - Texas Instruments OPA650 Datasheet HTML 11Page - Texas Instruments OPA650 Datasheet HTML 12Page - Texas Instruments OPA650 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
®
OPA650
11
TYPICAL APPLICATION
FIGURE 7. Low Distortion Video Amplifier.
OPA650
V
OUT
402
Ω
402
Ω
Video
Input
75
Ω
75
Ω
75
Ω Transmission Line
75
Ω
FIGURE 8. Layout Detail For DEM-OPA65xP Demonstration Board.
R
6
R
1
OPA650
Out
J
1
1
2
GND
–5V
P2
R
7
R
5
+In
R
3
R
4
R
2
–In
J
1
J
2
2
7
4
6
3
C
2
0.1µF
C
4
2.2µF
402
Ω
C
1
2.2µF
C
3
0.1µF
1
2
GND
+5V
P1
R
8
+
+
NOTE: Values for R
1, R3, R5, R6, and R7 are chosen according to desired gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com