Electronic Components Datasheet Search
  English  ▼

X  

OPA658 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA658
Description  Wideband, Low-Power, Current-Feedback Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA658 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA658 Datasheet HTML 7Page - Texas Instruments OPA658 Datasheet HTML 8Page - Texas Instruments OPA658 Datasheet HTML 9Page - Texas Instruments OPA658 Datasheet HTML 10Page - Texas Instruments OPA658 Datasheet HTML 11Page - Texas Instruments OPA658 Datasheet HTML 12Page - Texas Instruments OPA658 Datasheet HTML 13Page - Texas Instruments OPA658 Datasheet HTML 14Page - Texas Instruments OPA658 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
OPA658
11
SBOS045A
www.ti.com
appear at fO ± 3 × Df. The 2-tone, 3rd-order spurious plot
shown in Figure 7 indicates how far below these two equal
power, closely-spaced tones the intermodulation spurious
will be. The single-tone power is at a matched 50
Ω load. The
unique design of the OPA658 provides much greater spuri-
ous free range than what a 2-tone, 3rd-order intermodulation
intercept specification would predict. This can be seen in
Figure 7 as the spurious-free range actually increases at the
higher output power levels.
COMPENSATION
The OPA658 is internally compensated and is stable in unity
gain with a phase margin of approximately 62
°, and approxi-
mately 64
° in a gain of +2V/V when used with the recom-
mended feedback resistor value. Frequency response for
other gains are shown in the Typical Characteristics.
The high-frequency response of the OPA658 in a good
layout is very flat with frequency.
DISTORTION
The OPA658’s Harmonic Distortion characteristics into a
100
Ω load are shown versus frequency and power output in
the Typical Characteristics. Distortion can be further im-
proved by increasing the load resistance as illustrated in
Figure 6. Remember to include the contribution of the feed-
back resistance when calculating the effective load resis-
tance seen by the amplifier.
Narrowband communication channel requirements will ben-
efit from the OPA658’s wide bandwidth and low
intermodulation distortion on low quiescent power. If output
signal power at two closely spaced frequencies is required,
3rd-order nonlinearities in any amplifier will cause spurious
power at frequencies very near the two fundamental frequen-
cies. If the two test frequencies, f1 and f2, are specified in
terms of average and delta frequency, fO = (f1 + f2)/2 and
Df =
Ωf
2 – f1Ω, the two, 3rd-order, close-in spurious tones will
DIFFERENTIAL GAIN AND PHASE
Differential Gain (dG) and Differential Phase (dP) are among
the more important specifications for video applications. dG
is defined as the percent change in closed-loop gain over a
specified change in output voltage level. dP is defined as the
change in degrees of the closed-loop phase over the same
output voltage change. Both dG and dP are specified at the
NTSC sub-carrier frequency of 3.58MHz and the PAL sub-
carrier of 4.43MHz. All NTSC measurements were performed
using a Tektronix model VM700A Video Measurement Set.
dG/dP of the OPA658 were measured with the amplifier in a
gain of +2V/V with 75
Ω input impedance and the output
back-terminated in 75
Ω. The input signal selected from the
generator was a 0V to 1.4V modulated ramp with sync pulse.
With these conditions the test circuit shown in Figure 8
delivered a 100IRE modulated ramp to the 75
Ω input of the
videoanalyzer. The signal averaging feature of the analyzer
was used to establish a reference against which the perfor-
FIGURE 5. Driving Capacitive Loads.
FIGURE 6. 5MHz Harmonic Distortion vs Load Resistance.
FIGURE 7. 3rd-Order Spurious Level vs Frequency.
FIGURE 8. Configuration for Testing Differential Gain/Phase.
OPA658
50
Ω
R
ISO
R
L
C
L
10
Ω to 35Ω
402
Ω
402
Ω
–55
–60
–65
–70
–75
–80
–85
5MHz HARMONIC DISTORTION vs
LOAD RESISTANCE (G = +2)
Load Resistance (
Ω)
10
100
1k
G = +2
V
O = 2VPP
f
O = 5MHz
3f
O
2f
O
–65
–70
–75
–80
–85
–90
–18 –16 –14 –12 –10
–8
–6
–4
–2
0
2
4
2-TONE, 3RD-ORDER SPURIOUS LEVELS
Single-Tone Power (dBm)
20MHz
10MHz
5MHz
OPA658
75
Ω
75
Ω
402
Ω
402
Ω
75
Ω
75
Ω
TEK TSG 130A
TEK VM700A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com