Electronic Components Datasheet Search
  English  ▼

X  

OPA643PB Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA643PB
Description  Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA643PB Datasheet(HTML) 3 Page - Texas Instruments

  OPA643PB Datasheet HTML 1Page - Texas Instruments OPA643PB Datasheet HTML 2Page - Texas Instruments OPA643PB Datasheet HTML 3Page - Texas Instruments OPA643PB Datasheet HTML 4Page - Texas Instruments OPA643PB Datasheet HTML 5Page - Texas Instruments OPA643PB Datasheet HTML 6Page - Texas Instruments OPA643PB Datasheet HTML 7Page - Texas Instruments OPA643PB Datasheet HTML 8Page - Texas Instruments OPA643PB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
®
OPA643
3
1
2
3
5
4
+V
S
Inverting Input
Output
–V
S
Non-Inverting Input
1
2
3
4
8
7
6
5
+V
S2
(1)
+V
S1
Output
–V
S2
(1)
NC
Inverting Input
Non-Inverting Input
–V
S1
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
PIN CONFIGURATION
Top View
DIP/SO-8
ABSOLUTE MAXIMUM RATINGS
Power Supply (
±V
S) ..................................................................... ±6.0VDC
Internal Power Dissipation(1) .................................. See Thermal Analysis
Differential Input Voltage ..................................................................
±1.2V
Input Voltage Range ............................................................................
±V
S
Storage Temperature Range: P, PB, U, UB, N, NB ..... –40
°C to +125°C
Lead Temperature (soldering, 10s) .............................................. +300
°C
(soldering, SO-8 3s) ....................................... +260
°C
Junction Temperature (TJ ) ............................................................ +175°C
NOTE: (1) Packages must be derated based on specified
θ
JA. Maximum TJ
must be observed.
NOTE: (1) Making use of all four power supply pins is highly recommended,
although not required. Using these four pins, instead of just pins 4 and 7, will
lower the power supply impedance improving distortion.
SOT23-5
PACKAGE
DRAWING
TEMPERATURE
PACKAGE
ORDERING
PRODUCT
PACKAGE
NUMBER(1)
RANGE
MARKING(2)
NUMBER(3)
OPA643U
SO-8 Surface Mount
182
–40
°C to +85°C
OPA643U
OPA643U
OPA643UB
SO-8 Surface Mount
182
–40
°C to +85°C
OPA643UB
OPA643UB
OPA643N
5-pin SOT23-5
331
–40
°C to +85°C
A43
OPA643N-250
OPA643N-3k
OPA643NB
5-pin SOT23-5
331
–40
°C to +85°C
A43B
OPA643NB-250
OPA643NB-3k
OPA643P
8-Pin Plastic DIP
006
–40
°C to +85°C
OPA643P
OPA643P
OPA643PB
8-Pin Plastic DIP
006
–40
°C to +85°C
OPA643PB
OPA643PB
NOTES: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book. (2) The “B” grade of the SO-8 and
DIP packages will be marked with a “B” by pin 8. The “B” grade of the SOT23-5 will be marked with a “B” near pins 3 and 4. (3) The SOT23-5 is only available on a 7"
tape and reel (e.g. ordering 250 pieces of “OPA643N-250” will get a single 250 piece tape and reel. Ordering 3000 pieces of “OPA643N-3k” will get a single 3000 piece
tape and reel). Please refer to Appendix B of Burr-Brown IC Data Book for detailed Tape and Reel Mechanical information.
PACKAGE/ORDERING INFORMATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
Electrostatic discharge can cause damage ranging from per-
formance degradation to complete device failure. Burr-Brown
Corporation recommends that all integrated circuits be handled
and stored using appropriate ESD protection methods.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet published speci-
fications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com