Electronic Components Datasheet Search
  English  ▼

X  

OPA698ID Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA698ID
Description  Unity-Gain Stable, Wideband Voltage Limiting Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA698ID Datasheet(HTML) 1 Page - Texas Instruments

  OPA698ID Datasheet HTML 1Page - Texas Instruments OPA698ID Datasheet HTML 2Page - Texas Instruments OPA698ID Datasheet HTML 3Page - Texas Instruments OPA698ID Datasheet HTML 4Page - Texas Instruments OPA698ID Datasheet HTML 5Page - Texas Instruments OPA698ID Datasheet HTML 6Page - Texas Instruments OPA698ID Datasheet HTML 7Page - Texas Instruments OPA698ID Datasheet HTML 8Page - Texas Instruments OPA698ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
OPA6
98
Unity-Gain Stable, Wideband
Voltage Limiting Amplifier
FEATURES
q HIGH LINEARITY NEAR LIMITING
q FAST RECOVERY FROM OVERDRIVE: 1ns
q LIMITING VOLTAGE ACCURACY:
±10mV
q –3dB BANDWIDTH (G = +1): 450MHz
q GAIN BANDWIDTH PRODUCT: 250MHz
q SLEW RATE: 1100V/
µs
q
±5V AND +5V SUPPLY OPERATION
q HIGH-GAIN VERSION AVAILABLE: OPA699
APPLICATIONS
q FAST LIMITING ANALOG-TO-DIGITAL
CONVERTER (ADC) INPUT BUFFERS
q CCD PIXEL CLOCK STRIPPING
q VIDEO SYNC STRIPPING
q HF MIXERS
q IF LIMITING AMPLIFIERS
q AM SIGNAL GENERATION
q NONLINEAR ANALOG SIGNAL PROCESSING
q OPA688 UPGRADE
DESCRIPTION
The OPA698 is a wideband, unity-gain stable voltage-
feedback op amp that offers bipolar output voltage limiting.
Two buffered limiting voltages take control of the output
when it attempts to drive beyond these limits. This new
output limiting architecture holds the limiter offset error to
±10mV. The op amp operates linearly to within 20mV of the
output limit voltages.
The combination of a narrow nonlinear range and the low
limiting offset allows the limiting voltages to be set within
100mV of the desired linear output range. A fast 1ns
recovery from limiting ensures that overdrive signals will be
transparent to the signal channel. Implementing the limiting
function at the output, as opposed to the input, gives the
specified limiting accuracy for any gain, and allows the
OPA698 to be used in all standard op amp applications.
Nonlinear analog signal processing will benefit from the
ability of the OPA698 to sharply transition from linear opera-
tion to output limiting. The quick recovery time supports
high-speed applications.
The OPA698 is available in an industry standard pinout SO-8
package. For higher gain, or transimpedance applications
requiring output limiting with fast recovery, consider the
OPA699.
OPA698
SBOS258B – NOVEMBER 2002 – REVISED SEPTEMBER 2003
www.ti.com
Copyright © 2002-2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
OPA698
V
S = +5V
4
2
3
7
5
8
6
V
S = +5V
+3.5V
+1.5V
V
IN
REFB
REFT
IN
0.1
µF
100pF
V
H = +3.6V
V
L = +1.4V
0.1
µF
0.1
µF
0.1
µF
402
Ω
24.9
Ω
562
Ω
102
Ω
402
Ω
715
Ω
715
Ω
102
Ω
562
Ω
ADS822
10-Bit
40MSPS
10-Bit
Data
V
S = +5V
INT/EXT
RSEL
+V
S
GND
Single-Supply Limiting ADC Input Driver


Similar Part No. - OPA698ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA698ID TI1-OPA698ID Datasheet
843Kb / 32P
Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA698IDG4 TI1-OPA698IDG4 Datasheet
843Kb / 32P
Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA698IDG4 TI1-OPA698IDG4 Datasheet
843Kb / 32P
Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA698IDR TI1-OPA698IDR Datasheet
843Kb / 32P
Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA698IDRG4 TI1-OPA698IDRG4 Datasheet
843Kb / 32P
Unity-Gain Stable, Wideband Voltage Limiting Amplifier
More results

Similar Description - OPA698ID

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA688 BURR-BROWN-OPA688 Datasheet
185Kb / 16P
Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
logo
Texas Instruments
OPA698M TI-OPA698M Datasheet
566Kb / 32P
UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA699M TI-OPA699M Datasheet
532Kb / 32P
GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA698M TI1-OPA698M Datasheet
566Kb / 32P
UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA699M TI1-OPA699M Datasheet
532Kb / 32P
GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA688M TI1-OPA688M Datasheet
348Kb / 23P
UNITY-GAIN-STABLE WIDEBAND VOLTAGE LIMITING AMP LIFIER
OPA689M TI1-OPA689M Datasheet
269Kb / 22P
GAIN 4 STABLE WIDEBAND VOLTAGE-LIMITING AMPLIFIER
OPA698IDG4 TI1-OPA698IDG4 Datasheet
843Kb / 32P
Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA688 TI1-OPA688 Datasheet
302Kb / 18P
Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
OPA698 TI1-OPA698_12 Datasheet
843Kb / 32P
Unity-Gain Stable, Wideband Voltage Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com