Electronic Components Datasheet Search
  English  ▼

X  

DS90C031 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C031
Description  LVDS Quad CMOS Differential Line Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C031 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS90C031 Datasheet HTML 1Page - National Semiconductor (TI) DS90C031 Datasheet HTML 2Page - National Semiconductor (TI) DS90C031 Datasheet HTML 3Page - National Semiconductor (TI) DS90C031 Datasheet HTML 4Page - National Semiconductor (TI) DS90C031 Datasheet HTML 5Page - National Semiconductor (TI) DS90C031 Datasheet HTML 6Page - National Semiconductor (TI) DS90C031 Datasheet HTML 7Page - National Semiconductor (TI) DS90C031 Datasheet HTML 8Page - National Semiconductor (TI) DS90C031 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Switching Characteristics (Continued)
V
CC = +5.0V, TA = +25˚C DS90C031T. (Notes 3, 4, 6, 9)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
TLH
Rise Time
0.35
1.5
ns
t
THL
Fall Time
0.35
1.5
ns
t
PHZ
Disable Time High to Z
R
L = 100Ω,
C
L =5pF
(
Figure 4 and Figure 5)
2.5
10
ns
t
PLZ
Disable Time Low to Z
2.5
10
ns
t
PZH
Enable Time Z to High
2.5
10
ns
t
PZL
Enable Time Z to Low
2.5
10
ns
Switching Characteristics
V
CC = +5.0V ± 10%,TA = −40˚C to +85˚C DS90C031T. (Notes 3, 4, 5, 6, 9)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
PHLD
Differential Propagation Delay High to Low
R
L = 100Ω,CL =5pF
(
Figure 2 and Figure 3)
0.5
2.0
3.5
ns
t
PLHD
Differential Propagation Delay Low to High
0.5
2.1
3.5
ns
t
SKD
Differential Skew |t
PHLD –tPLHD|
0
80
900
ps
t
SK1
Channel-to-Channel Skew (Note 4)
0
0.3
1.0
ns
t
SK2
Chip to Chip Skew (Note 5)
3.0
ns
t
TLH
Rise Time
0.35
2.0
ns
t
THL
Fall Time
0.35
2.0
ns
t
PHZ
Disable Time High to Z
R
L = 100Ω,
C
L =5pF
(
Figure 4 and Figure 5)
2.5
15
ns
t
PLZ
Disable Time Low to Z
2.5
15
ns
t
PZH
Enable Time Z to High
2.5
15
ns
t
PZL
Enable Time Z to Low
2.5
15
ns
Switching Characteristics
V
CC = +5.0V ± 10%,TA = −55˚C to +125˚C DS90C031E. (Notes 3, 4, 5, 6, 9, 10)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
PHLD
Differential Propagation Delay High to Low
R
L = 100Ω,CL =20pF
(
Figure 3)
C
L Connected between
each Output and GND
0.5
2.0
5.0
ns
t
PLHD
Differential Propagation Delay Low to High
0.5
2.1
5.0
ns
t
SKD
Differential Skew |t
PHLD –tPLHD|
0
0.08
3.0
ns
t
SK1
Channel-to-Channel Skew (Note 4)
0
0.3
3.0
ns
t
SK2
Chip to Chip Skew (Note 5)
4.5
ns
t
PHZ
Disable Time High to Z
R
L = 100Ω,
C
L =5pF
(
Figure 4 and Figure 5)
2.5
20
ns
t
PLZ
Disable Time Low to Z
2.5
20
ns
t
PZH
Enable Time Z to High
2.5
20
ns
t
PZL
Enable Time Z to Low
2.5
20
ns
Parameter Measurement Information
DS011946-3
FIGURE 1. Driver V
OD and VOS Test Circuit
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com