Electronic Components Datasheet Search
  English  ▼

X  

TPS-2 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # TPS-2
Description  DC power distribution non-indicating fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

TPS-2 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  TPS-2 Datasheet HTML 1Page - Cooper Bussmann, Inc. TPS-2 Datasheet HTML 2Page - Cooper Bussmann, Inc. TPS-2 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TPS - DC power distribution
non-indicating fuses
Technical Data 5009
Effective March 2015
Dimensions - mm (in)
TPS-(amp)
1.76 ±.02
(44.65mm ± .51)
1.59 ± .02
(40.26mm ± .51)
1.35 ± .015
(34.16mm ± .38)
.500
(12.70mm)
.348
(8.84mm)
0.74
(18.69mm)
1.261 ± .005
(32.03mm ± .13)
.348
(8.84mm)
.190 ± .005*
(4.8mm ± .12)
*Recommend #8 Slotted Hex Washer
Head Machine Screw for mounting
0.755
(19.18mm)
(22.2mm) (± .38)
.88 (± .015)
.56 (± .002)
(14.3mm) (± .05)
TPS-(amp)L — PCB tab
TPS-(amp)V — vertical PCB tab
TPS-(amp)LB — bolt tab



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com