Electronic Components Datasheet Search
  English  ▼

X  

TPS3780ADBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3780ADBVT
Description  Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3780ADBVT Datasheet(HTML) 5 Page - Texas Instruments

  TPS3780ADBVT Datasheet HTML 1Page - Texas Instruments TPS3780ADBVT Datasheet HTML 2Page - Texas Instruments TPS3780ADBVT Datasheet HTML 3Page - Texas Instruments TPS3780ADBVT Datasheet HTML 4Page - Texas Instruments TPS3780ADBVT Datasheet HTML 5Page - Texas Instruments TPS3780ADBVT Datasheet HTML 6Page - Texas Instruments TPS3780ADBVT Datasheet HTML 7Page - Texas Instruments TPS3780ADBVT Datasheet HTML 8Page - Texas Instruments TPS3780ADBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TPS3779, TPS3780
www.ti.com
SBVS250 – APRIL 2015
7.5 Electrical Characteristics
All specifications are over the operating temperature range of –40°C < TJ < 125°C and 1.5 V ≤ VDD ≤ 6.5 V, unless otherwise
noted. Typical values are at TJ = 25°C and VDD = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Input supply range
1.5
6.5
V
V(POR)
Power-on reset voltage(1)
VOL (max) = 0.2 V, IOL = 15 µA
0.8
V
VDD = 3.3 V, no load, –40°C < TJ < 85°C
2.09
3.72
µA
VDD = 3.3 V, no load, –40°C < TJ < 125°C
5.80
µA
IDD
Supply current (into VDD pin)
VDD = 6.5 V, no load, –40°C < TJ < 85°C
2.29
4.00
µA
VDD = 6.5 V, no load, –40°C < TJ < 125°C
6.50
µA
1.194
V
Positive-going input threshold
VIT+
V(SENSE) rising
voltage
–1%
1%
TPS37xxA
1.188
V
(0.5% hysteresis)
TPS37xxB
1.134
V
(5% hysteresis)
V(SENSE) falling
Negative-going input threshold
VIT–
TPS37xxC
voltage
1.074
V
(10% hysteresis)
TPS37xxD
1.182
V
(1% hysteresis)
V(SENSE) falling
–1%
1%
I(SENSE)
Input current
V(SENSE) = 0 V or VDD
–15
15
nA
VDD
≥ 1.2 V, ISINK = 0.4 mA
0.25
V
VOL
Low-level output voltage
VDD
≥ 2.7 V, ISINK = 2 mA
0.25
V
VDD
≥ 4.5 V, ISINK = 3.2 mA
0.30
V
VDD
≥ 1.5 V, ISOURCE = 0.4 mA
0.8 VDD
V
High-level output voltage
VOH
VDD
≥ 2.7 V, ISOURCE = 1 mA
0.8 VDD
V
(TPS3779 only)
VDD
≥ 4.5 V, ISOURCE = 2.5 mA
0.8 VDD
V
High impedance, V(SENSE) = V(OUT) = 6.5 V,
–50
50
nA
–40°C < TJ < 85°C
Open-drain output leakage
Ilkg(OD)
current (TPS3780 only)
High impedance, V(SENSE) = V(OUT) = 6.5 V,
–250
250
nA
–40°C < TJ < 125°C
(1)
Outputs are undetermined below V(POR).
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS3779 TPS3780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com