Electronic Components Datasheet Search
  English  ▼

X  

PCF88331 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCF88331
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF88331 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCF88331 Datasheet HTML 25Page - NXP Semiconductors PCF88331 Datasheet HTML 26Page - NXP Semiconductors PCF88331 Datasheet HTML 27Page - NXP Semiconductors PCF88331 Datasheet HTML 28Page - NXP Semiconductors PCF88331 Datasheet HTML 29Page - NXP Semiconductors PCF88331 Datasheet HTML 30Page - NXP Semiconductors PCF88331 Datasheet HTML 31Page - NXP Semiconductors PCF88331 Datasheet HTML 32Page - NXP Semiconductors PCF88331 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 112 page
background image
2003 Feb 14
29
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
The following steps must be followed to enter the Partial
mode:
• Set VOP (when the MMOTP cells are used the VOP for
the Partial mode is predefined)
• Set bias system (when the MMOTP cells are used the
bias system for the Partial mode is predefined)
• Set start address of active area AA1S[7:0]; can be set in
multiples of 4
• Set end address of active area AA1E[7:0] + 1; can be
set in multiples of 4
• Enter Partial mode (PTLON).
When setting the addresses the following conditions must
be ensured:
• (AA1E + 1) − AA1S = 32 (only 1 partial display size
setting is possible)
• AA1 ≥ 0 and AA1E ≤ 131.
Figure 8 shows how to use the Partial mode with Line
Address Order (LAO) set to logic 0. Figure 9 gives an
example of Partial mode with LAO set to logic 1, and
Fig.10 shows the position of the partial area when the start
address of the active area is AA1S
≥ (131 + 1) − 31, i.e.
AA1S
≥ 101 (AA1S must be set in multiples of 4).
Figure 11 shows how the Partial mode can be used.
MGU917
handbook, full pagewidth
0
1
2
3
4
5
6
7
8
9
10
11
12
13
42
127
128
129
130
131
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
ROW 3
ROW 1
ROW 0
ROW 2
ROW 7
ROW 5
ROW 4
ROW 6
ROW 11
ROW 9
ROW 8
ROW 10
ROW 13
ROW 12
ROW 31
ROW 29
ROW 28
ROW 30
ROW 35
ROW 33
ROW 32
ROW 34
ROW 39
ROW 37
ROW 36
ROW 38
ROW 41
ROW 40
ROW 42
ROW 27
ROW 25
ROW 24
ROW 26
ROW 129
ROW 127
ROW 128
ROW 131
ROW 130
AA1S [7:0] = 4
AA1E [7:0] +1 = 36
RAM
display
partial area
partial area
32
rows
Fig.8 Partial Display mode for LAO = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More