Electronic Components Datasheet Search
  English  ▼

X  

DS90C031B Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C031B
Description  LVDS Quad CMOS Differential Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C031B Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS90C031B Datasheet HTML 1Page - National Semiconductor (TI) DS90C031B Datasheet HTML 2Page - National Semiconductor (TI) DS90C031B Datasheet HTML 3Page - National Semiconductor (TI) DS90C031B Datasheet HTML 4Page - National Semiconductor (TI) DS90C031B Datasheet HTML 5Page - National Semiconductor (TI) DS90C031B Datasheet HTML 6Page - National Semiconductor (TI) DS90C031B Datasheet HTML 7Page - National Semiconductor (TI) DS90C031B Datasheet HTML 8Page - National Semiconductor (TI) DS90C031B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Parameter Measurement Information (Continued)
Typical Application
Applications Information
LVDS drivers and receivers are intended to be primarily used
in an uncomplicated point-to-point configuration as is shown
in
Figure 6. This configuration provides a clean signaling en-
vironment for the quick edge rates of the drivers. The re-
ceiver is connected to the driver through a balanced media
which may be a standard twisted pair cable, a parallel pair
cable, or simply PCB traces. Typically, the characteristic im-
pedance of the media is in the range of 100
Ω. A termination
resistor of 100
Ω should be selected to match the media, and
is located as close to the receiver input pins as possible. The
termination resistor converts the current sourced by the
driver into a voltage that is detected by the receiver. Other
configurations are possible such as a multi-receiver configu-
ration, but the effects of a mid-stream connector(s), cable
stub(s), and other impedance discontinuities as well as
ground shifting, noise margin limits, and total termination
loading must be taken into account.
The DS90C031B differential line driver is a balanced current
source design. A current mode driver, generally speaking
has a high output impedance and supplies a constant cur-
rent for a range of loads (a voltage mode driver on the other
hand supplies a constant voltage for a range of loads). Cur-
rent is switched through the load in one direction to produce
a logic state and in the other direction to produce the other
logic state. The typical output current is a mere 3.4 mA with
a minimum of 2.5 mA, and a maximum of 4.5 mA. The cur-
rent mode requires (as discussed above) that a resistive ter-
mination be employed to terminate the signal and to com-
plete the loop as shown in
Figure 6. AC or unterminated
configurations are not allowed. The 3.4 mA loop current will
develop a differential voltage of 340 mV across the 100
Ω ter-
mination resistor which the receiver detects with a 240 mV
minimum differential noise margin neglecting resistive line
losses (driven signal minus receiver threshold (340 mV –
100 mV = 240 mV). The signal is centered around +1.2V
(Driver Offset, V
OS) with respect to ground as shown inFig-
ure 7. Note that the steady-state voltage (V
SS) peak-to-peak
swing is twice the differential voltage (V
OD) and is typically
680 mV.
The current mode driver provides substantial benefits over
voltage mode drivers, such as an RS-422 driver. Its quies-
cent current remains relatively flat versus switching fre-
quency. Whereas the RS-422 voltage mode driver increases
exponentially in most case between 20 MHz–50 MHz. This
is due to the overlap current that flows between the rails of
the device when the internal gates switch. Whereas the cur-
rent mode driver switches a fixed current between its output
without any substantial overlap current. This is similar to
some ECL and PECL devices, but without the heavy static
I
CC requirements of the ECL/PECL designs. LVDS requires
80% less current than similar PECL devices. AC specifica-
tions for the driver are a tenfold improvement over other ex-
isting RS-422 drivers.
The fail-safe circuitry guarantees that the outputs are en-
abled and at a logic ’0’ (the true output is low and the
complement output is high) when the inputs are floating.
DS100989-7
FIGURE 5. Driver TRI-STATE Delay Waveform
DS100989-8
FIGURE 6. Point-to-Point Application
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com