Electronic Components Datasheet Search
  English  ▼

X  

PCA9540BD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9540BD
Description  2-channel I2C multiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9540BD Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9540BD Datasheet HTML 1Page - NXP Semiconductors PCA9540BD Datasheet HTML 2Page - NXP Semiconductors PCA9540BD Datasheet HTML 3Page - NXP Semiconductors PCA9540BD Datasheet HTML 4Page - NXP Semiconductors PCA9540BD Datasheet HTML 5Page - NXP Semiconductors PCA9540BD Datasheet HTML 6Page - NXP Semiconductors PCA9540BD Datasheet HTML 7Page - NXP Semiconductors PCA9540BD Datasheet HTML 8Page - NXP Semiconductors PCA9540BD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product data sheet
PCA9540B
2-channel I2C multiplexer
2
2004 Sep 29
FEATURES
• 1-of-2 bi-directional translating multiplexer
• I2C interface logic; compatible with SMBus standards
• Channel selection via I2C-bus
• Power up with all multiplexer channels deselected
• Low Rds
ON switches
• Allows voltage level translation between 1.8 V, 2.5 V, 3.3 V and
5 V buses
• No glitch on power-up
• Supports hot insertion
• Low stand-by current
• Operating power supply voltage range of 2.3 V to 5.5 V
• 5 V tolerant Inputs
• 0 to 400 kHz clock frequency
• ESD protection exceeds 2000 V HBM per JESD22-A114,
200 V MM per JESD22-A115 and 1000 V per JESD22-C101
• Latch-up testing is done to JESDEC Standard JESD78 which
exceeds 100 mA
• Packages Offered: SO8, TSSOP8
DESCRIPTION
The PCA9540B is a 1-of-2 bi-directional translating multiplexer,
controlled via the I2C-bus. The SCL/SDA upstream pair fans out to
two SCx/SDx downstream pairs, or channels. Only one SCx/SDx
channel is selected at a time, determined by the contents of the
programmable control register.
A power-on reset function puts the registers in their default state and
initializes the I2C state machine with no channels selected.
The pass gates of the multiplexer are constructed such that the VDD
pin can be used to limit the maximum high voltage which will be
passed by the PCA9540B. This allows the use of different bus
voltages on each SCx/SDx pair, so that 1.8 V, 2.5, or 3.3 V parts can
communicate with 5 V parts without any additional protection.
External pull-up resistors can pull the bus up to the desired voltage
level for this channel. All I/O pins are 5 V tolerant.
The PCA9540B has replaced the PCA9540 and all designs must
migrate to the PCA9540B. PCA9540B samples can be requested
from www.philipslogic.com/products/I2Cmuxes/.
PIN CONFIGURATION
1
2
3
45
6
7
8
SCL
SDA
VDD
SD0
SC1
SD1
SC0
VSS
SW00491
Figure 1. Pin configuration
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1
SCL
Serial clock line
2
SDA
Serial data line
3
VDD
Supply voltage
4
SD0
Serial data 0
5
SC0
Serial clock 0
6
VSS
Supply ground
7
SD1
Serial data 1
8
SC1
Serial clock 1
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
TOPSIDE MARK
DRAWING NUMBER
8-Pin Plastic SO
–40
°C to +85 °C
PCA9540BD
PA9540B
SOT96-1
8-Pin Plastic TSSOP
–40
°C to +85 °C
PCA9540BDP
9540B
SOT505-1
Standard packing quantities and other packaging data are available at www.standardproducts.philips.com/packaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com