Electronic Components Datasheet Search
  English  ▼

X  

40CJ Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # 40CJ
Description  Fast-Acting Ceramic Body, Class J
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

40CJ Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  40CJ Datasheet HTML 1Page - Cooper Bussmann, Inc. 40CJ Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Peak Let-Through Curves
Time-Current Curves
100
1,000
10,000
100,000
1,000,000
FUSE RATING (AMPS)
Total I2t at 600V
Total I2t at 460V
Pre-Arcing I2t
1,000
100
10
1
.1
CURRENT IN AMPS
.01
AMP
RATING
Energy Let-Through Curves
100
10
1
.1
PROSPECTIVE CURRENT (SYM. RMS kA)
.01
30
60
100
200
400
600
© 2012 Cooper Bussmann
www.cooperbussmann.com
0512 BU-SB98107
Page 2 of 2
Data Sheet 4129
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of
this document are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical informa-
tion that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change design or construction of
any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice,
any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com