Electronic Components Datasheet Search
  English  ▼

X  

PCA9540B Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9540B
Description  2-channel I2C multiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9540B Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9540B Datasheet HTML 3Page - NXP Semiconductors PCA9540B Datasheet HTML 4Page - NXP Semiconductors PCA9540B Datasheet HTML 5Page - NXP Semiconductors PCA9540B Datasheet HTML 6Page - NXP Semiconductors PCA9540B Datasheet HTML 7Page - NXP Semiconductors PCA9540B Datasheet HTML 8Page - NXP Semiconductors PCA9540B Datasheet HTML 9Page - NXP Semiconductors PCA9540B Datasheet HTML 10Page - NXP Semiconductors PCA9540B Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
Product data sheet
PCA9540B
2-channel I2C multiplexer
2004 Sep 29
7
TYPICAL APPLICATION
PCA9540B
V = 2.7 – 5.5 V
SD0
SC0
V = 2.7 – 5.5 V
SD1
SC1
VSS
SDA
SCL
VDD = 3.3 V
VDD = 2.7 – 5.5 V
I2C/SMBus MASTER
SW02212
SDA
SCL
CHANNEL 0
CHANNEL 1
Figure 12. Typical application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com