Electronic Components Datasheet Search
  English  ▼

X  

FM240-MHT Datasheet(PDF) 2 Page - Formosa MS

Part # FM240-MHT
Description  Chip Schottky Barrier Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM240-MHT Datasheet(HTML) 2 Page - Formosa MS

  FM240-MHT Datasheet HTML 1Page - Formosa MS FM240-MHT Datasheet HTML 2Page - Formosa MS FM240-MHT Datasheet HTML 3Page - Formosa MS FM240-MHT Datasheet HTML 4Page - Formosa MS FM240-MHT Datasheet HTML 5Page - Formosa MS FM240-MHT Datasheet HTML 6Page - Formosa MS FM240-MHT Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2
2.0A Surface Mount Schottky Barrier
Rectifiers - 20V-200V
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Diode junction capacitance
Storage temperature
See Fig.1
8.3ms single half sine-wave (JEDEC methode)
f=1MHz and applied 4V DC reverse voltage
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
C
J
T
STG
A
A
mA
OC
pF
2.0
50
0.2
+175
-65
FM220-MHT
FM230-MHT
FM240-MHT
20
30
40
14
21
28
20
30
40
-55 to +125
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@I =2.0A
F
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 100 C
R
RRM
J
O
160
10
V
F
(V)
*4
FM250-MHT
FM260-MHT
50
60
35
42
50
60
0.70
0.50
-55 to +150
FM280-MHT
FM2100-MHT
0.85
80
100
80
100
56
70
Formosa MS
Chip Schottky Barrier Rectifier
(C)
O
Operating
temperature
T,
J
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, l
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Features
• Tiny plastic SMD package.
ow forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Suffix "-H" indicates Halogen-free part, ex.FM220-MHT-H.
•
•
•
•
•
•
•
•
•
•
Mechanical data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic, SOD-123HT
Terminals :Plated terminals, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight :
•
•
•
•
•
•
Approximated 0.011 gram
Document ID
Issued Date
Revised Date
Revision
Page.
FM2150-MHT
150
150
105
FM2200-MHT
200
200
140
0.92
FM220-MHT THRU FM2200-MHT
0.90
Maximum ratings and Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
Thermal resistance
R
θJA
OC/W
72
Junction to ambient
R
θJC
OC/W
36
Junction to case
Package outline
Dimensions in inches and (millimeters)
SOD-123HT
0.047(1.2)
0.039(1.0)
0.146(3.7)
0.130(3.3)
0.012(0.3) Typ.
0.071(1.8)
0.055(1.4)
0.039(1.0)
0.024(0.6)
0.031(0.8) Typ.
0.047(1.2)
0.039(1.0)
0.032(0.8)
0.024(0.6)
0.051(1.3)
0.043(1.1)
0.0335(0.85)
0.0296(0.75)
0.016(0.4)Typ.
0.075(1.9)
0.083(2.1)
0.004(0.10)Typ.
DS-12163Z
2009/08/10
2014/11/05
C
7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com