Electronic Components Datasheet Search
  English  ▼

X  

LL054BT36 Datasheet(PDF) 2 Page - Formosa MS

Part # LL054BT36
Description  SMD Ultra Low Capacitance ESD Protection Array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

LL054BT36 Datasheet(HTML) 2 Page - Formosa MS

  LL054BT36 Datasheet HTML 1Page - Formosa MS LL054BT36 Datasheet HTML 2Page - Formosa MS LL054BT36 Datasheet HTML 3Page - Formosa MS LL054BT36 Datasheet HTML 4Page - Formosa MS LL054BT36 Datasheet HTML 5Page - Formosa MS LL054BT36 Datasheet HTML 6Page - Formosa MS LL054BT36 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2
Http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
4-Channel Ultra Low Capacitance ESD
Protection Diodes Array
- 5.0V
• Suffix "-H" indicates Halogen-free parts, ex.
054
36-H.
LL
BT
Features
4 channels of ESD protection
(ESD)
IEC 61000-4-4 (EFT) 80A (5/50ns)
IEC 61000-4-5 (Surge) (8/20us)
Channel I/O to GND capacitance: 0.9pF(Max)
Channel I/O to I/O capacitance: 0.45pF(Max)
Low clamping voltage
Low operating voltage
Improved zener structure
Optimized package for easy high speed data lines PCB layou
RoHS compliant
t
•
•
•
•
•
•
•
•
• Provide transient protection:
IEC 61000-4-2
level 4
Document ID
Issued Date
Revised Date
Revision
Page.
Applications
HDMI / DVI ports
Display Port interface
10M / 100M / 1G Ethernet
USB 2.0 interface
VGA interface
Set-top box
Flat panel Monitors / Tvs
PC / Note book
•
•
•
•
•
•
•
•
Formosa MS
Mechanical data
Epoxy:UL94-V0 rated flame retardant
Case :
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Mounting Position : Any
•
•
•
•
•
Molded plastic, SOT-363
Weight : Approximated 0.006 gram
Symbol
Ratings
Unit
Peak pulse power(8/20us)
Operating junction temperature range
T
opr
-55 to +125
Maximum ratings (at T =25 C unless otherwise noted)
A
o
Storage temperature range
T
stg
ESD per IEC 61000-4-2(Air)
ESD per IEC 61000-4-2(Contact)
Ι
PP
±
±8
15
W
Peak pulse current
(8/20us)
IEC 61000-4-5
V
ESD
P
PP
A
kV
150
5
-55 to +150
°C
°C
Package outline
SOT-363
.086(2.20)
.070(1.80)
.012(0.30)
.004(0.10)
.053(1.35)
.045(1.15)
.010(0.25)
.003(0.08)
.026(0.65)Typ.
.012(0.30)
.004(0.10)
.004(0.10)
Max.
.043(1.10)
.031(0.80)
.016(0.40)
.012(0.30)
Dimensions in inches and (millimeters)
LL054BT36
Electrical characteristics (at T =25 C unless otherwise noted)
A
o
Parameter
Conditions
Symbol
Reverse working voltage
Negative clamping voltage
Junction capacitance
Between channel
Reverse leakage current
Reverse breakdown voltage
I
= 1mA, Any I/O pin to GND
BV
V
BR
Min.
Typ.
Max.
Unit
V
RWM
5.0
1.0
12.0
1.8
6.0
V
V
uA
V
V
any I/O pin to GND
V
=5V,Any I/O pin to GND
RWM
C
J1
C
J2
8.5
0.35
0.9
pF
Positive clamping voltage
I =1A, tp=8/20us,positive pulse;
any I/O pin to GND
PP
I =1A, tp=8/20us,negative pulse;
any I/O pin to GND
PP
V =0V, f=1MHz,between I/O pins
R
Junction capacitance
Between I/O and GND
V =0V, f=1MHz,any I/O pin to GND
R
Parameter
0.45
pF
I
R
V
C1
V
C2
R
θJΑ
R
θJC
670
370
oC/W
oC/W
Typical thermal resistance junction to ambient
SMD Ultra Low Capacitance ESD Protection Array
Typical thermal resistance junction to case
DS-221852
2012/01/11
2016/03/24
B
7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com