Electronic Components Datasheet Search
  English  ▼

X  

MBR1080 Datasheet(PDF) 3 Page - Formosa MS

Part # MBR1080
Description  Schottky Barrier Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MBR1080 Datasheet(HTML) 3 Page - Formosa MS

  MBR1080 Datasheet HTML 1Page - Formosa MS MBR1080 Datasheet HTML 2Page - Formosa MS MBR1080 Datasheet HTML 3Page - Formosa MS MBR1080 Datasheet HTML 4Page - Formosa MS MBR1080 Datasheet HTML 5Page - Formosa MS MBR1080 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Rating and characteristic curves (MBR1040 THRU MBR10200)
Document ID
Issued Date
Revised Date
Revision
Page.
NUMBER OF CYCLES AT 60Hz
FIG. 2 – MAXIMUM NON-REPETITIVE SURGE CURRENT
PULSE WIDTH 8.3 ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
1
250
200
150
100
50
0
300
10
2
5
20
50
100
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
FIG. 1 – FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE (℃)
4.0
2.0
0
25
6.0
8.0
10.0
50
75
100
125
150
175
MBR1040 -
MBR1060
MBR1080 -
MBR10200
FIG.5 – TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE ,VOLTS
0.1
10000
1000
100
1
10
100
4
MBR1080 - MBR10200
MBR1040 - MBR1060
TJ = 25°C f = 1 MHz
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
1.0
0.1
10
0.1
0.2
0.5
0.3
0.6
0.9
0.4
0.7
0.8
100
1.0
TJ = 25°C
PULSE WIDTH 300us
2% DUTY CYCLE
MBR1040 - MBR1045
MBR1080 - MBR10100
MBR1050 - MBR1060
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.3-TYPICAL REVER CHARACTERISTICS
40
60
80
100
120
140
20
0.1
1.0
1000
10
0.01
0
100
TJ=75
℃
TJ=125
℃
TJ=25
℃
MBR1040 - MBR1060
MBR1080 - MBR10200
MBR10150 - MBR10200
DS-222679
2008/02/10
2014/08/15
D
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com