Electronic Components Datasheet Search
  English  ▼

X  

AHCN Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # AHCN
Description  AC-DC Power Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AHCN Datasheet(HTML) 1 Page - Arch Electronics Corp.

  AHCN Datasheet HTML 1Page - Arch Electronics Corp. AHCN Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VER : A_2
update : 2015.11.27
AC-DC Power Module
AHCN SERIES
5 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
AHCN-3.3S
AHCN-5S
AHCN-12S
AHCN-15S
AHCN-24S
Max Output Wattage (W)
4W
5W
5W
5W
5.5W
Voltage
90-264 VAC or 120-370 VDC, “ N ” to DC “ + “ ; “L ” to DC “ - “
Frequency (Hz)
47-440 Hz
Current (Full load)
120 mA max. (115 VAC) / 80 mA max. (230 VAC)
Inrush Current (Cold Start)
10 A max. (115 VAC) / 20 A max. (230 VAC)
Leakage Current
0.25 mA max.
Input
External Fuse (mandatory)
1.5 A slow blow type
Voltage (V.DC.)
3.3V
5V
12V
15V
24V
Voltage Accuracy
±2%
Current (mA) max
1250
1000
420
333
230
Line Regulation (LL-HL) (typ.)
±0.3%.
Load Regulation (5-100%) (typ.)
±0.5%.
Minimum Load
0%
Maximum Capacitive Load
4000 uF
4000 uF
1000 uF
680 uF
120 uF
Ripple& Noise(typ)
80mV (Vp-p)
120mV (Vp-p)
Efficiency (at 115VAC)
67%
70%
75%
75%
77%
Output
Hold-up Time
14 ms (at 115VAC) / 70 ms (at 230VAC)
Over Power Protection
Hiccup technique, auto-recovery
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
Isolation
Input-Output (V.AC)
3000V
Operating Temperature
-40°C…+70°C (with derating)
Storage Temperature
-40°C…+85°C
Temperature Coefficient
±0.05%/°C
Humidity
95% RH
Environment
MTBF
>450,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
2.0 x 1.0 x 0.6 Inches
( 50.6 x 25.35 x 15.2 mm ) Tolerance
0.5 mm
Case Material
Plastic resin with Fiberglass (flammability to UL 94V-0)
Weight
30 g
Physical
Cooling Method
Free air convection
Safety
Agency Approvals
CE, UL/cUL
EMI (Conducted & Radiated Emission)
EN 55022 class B
EMC
EMS (Noise Immunity)
EN 55024
KEY FEATURES
 Switching Power Module for PCB Mountable
 Fully Encapsulated Plastic Case
 Universal Input Range 90-264VAC, 47-440 Hz
 <0.2W No Load Input Power
 Regulated Output and Low Ripple and Low Noise
 Isolation Class II
 Small Size: 2.0 x 1.0 x 0.6 Inches
 CE and UL Approval
 3-Year Product Warranty


Similar Part No. - AHCN

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
AHCN510RA5 TOKEN-AHCN510RA5 Datasheet
427Kb / 7P
AH Aluminum Housed Power Resistors
AHCN510RB TOKEN-AHCN510RB Datasheet
427Kb / 7P
AH Aluminum Housed Power Resistors
AHCN510RC TOKEN-AHCN510RC Datasheet
427Kb / 7P
AH Aluminum Housed Power Resistors
AHCN510RD TOKEN-AHCN510RD Datasheet
427Kb / 7P
AH Aluminum Housed Power Resistors
AHCN510RF TOKEN-AHCN510RF Datasheet
427Kb / 7P
AH Aluminum Housed Power Resistors
More results

Similar Description - AHCN

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AFC ARCH-AFC Datasheet
495Kb / 5P
AC-DC Power Module
AFC20 ARCH-AFC20 Datasheet
507Kb / 5P
AC-DC Power Module
AFC-E1 ARCH-AFC-E1 Datasheet
495Kb / 5P
AC-DC Power Module
AOC ARCH-AOC Datasheet
117Kb / 3P
AC-DC Power Module
AEC60 ARCH-AEC60_12 Datasheet
321Kb / 3P
AC-DC Power Module
AHC08 ARCH-AHC08 Datasheet
216Kb / 4P
AC-DC Power Module
AHC-E1 ARCH-AHC-E1_12 Datasheet
273Kb / 3P
AC-DC Power Module
ANC50 ARCH-ANC50 Datasheet
296Kb / 7P
AC-DC Power Module
ANCA ARCH-ANCA Datasheet
323Kb / 4P
AC-DC Power Module
AHC-E1 ARCH-AHC-E1_16 Datasheet
121Kb / 2P
AC-DC Power Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com