Electronic Components Datasheet Search
  English  ▼

X  

ZGFM5366B Datasheet(PDF) 2 Page - Formosa MS

Part # ZGFM5366B
Description  Chip Zener Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

ZGFM5366B Datasheet(HTML) 2 Page - Formosa MS

  ZGFM5366B Datasheet HTML 1Page - Formosa MS ZGFM5366B Datasheet HTML 2Page - Formosa MS ZGFM5366B Datasheet HTML 3Page - Formosa MS ZGFM5366B Datasheet HTML 4Page - Formosa MS ZGFM5366B Datasheet HTML 5Page - Formosa MS ZGFM5366B Datasheet HTML 6Page - Formosa MS ZGFM5366B Datasheet HTML 7Page - Formosa MS ZGFM5366B Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Wide zener reverse voltage range 6.2V to 100V.
Small package size for high density applications.
Ideally suited for automated assembly processes.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Features
Suffix "-H" indicates Halogen-free part, ex.ZGFM5341B-H.
•
•
•
•
•
•
Package outline
Page 2
5.0W Surface Mount
Zener Diodes-6.2V-100V
PARAMETER
Symbol
P
D
MIN.
TYP.
MAX.
5.0
UNIT
W
Storage temperature range
Operating junction temperature range
T
STG
T
J
-55
-65
+150
+175
oC
oC
Maximum ratings (at T =25 C unless otherwise noted)
A
o
Power Dissipation at T = 75 C
L
°
Formosa MS
Chip Zener Diode
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Mechanical data
Epoxy:UL94-V0 rated flame retardant
Case : Molded plastic,
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.19 gram
•
•
•
•
•
•
DO-214AB / SMC
0.272(6.9)
0.248(6.3)
0.012(0.3) Typ.
0.189(4.8)
0.165(4.2)
0.098(2.5)
0.075(1.9)
0.048 (1.2) Typ.
0.048(1.2) Typ.
Dimensions in inches and (millimeters)
SMC
Document ID
Issued Date
Revised Date
Revision
Page.
Thermal Characteristics
°C/W
Typical thermal resistance junction to lead
R
θJL
23
PARAMETER
Symbol
UNIT
Limit
°C/W
Typical thermal resistance junction to ambient
R
θJA
50
Note
1 Mounted on FR-4 PCB
:.
ZGFM5341B THRU ZGFM5378B
V
F
1.20
V
Forward voltage at I = 1.0A
F
DS-121743
2009/08/10
2014/02/26
E
8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com