Electronic Components Datasheet Search
  English  ▼

X  

AJC Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # AJC
Description  AC-DC Power Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AJC Datasheet(HTML) 1 Page - Arch Electronics Corp.

  AJC_16 Datasheet HTML 1Page - Arch Electronics Corp. AJC_16 Datasheet HTML 2Page - Arch Electronics Corp. AJC_16 Datasheet HTML 3Page - Arch Electronics Corp. AJC_16 Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VER : C_7
update : 2016.09.01
AC-DC Power Module
AJC SERIES
40 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508 FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
( Single Output )
AJC-3.3S
AJC-5S
AJC-9S
AJC-12S
AJC-15S
AJC-24S
Max output wattage ( W )
26.4W
40W
40W
40W
40W
40W
Voltage (V.DC.)
3.3V
5V
9V
12V
15V
24V
Current (mA) max
8000
8000
4444
3333
2666
1667
Voltage set accuracy
±3%
±2%
±2%
±2%
±2%
±2%
Line regulation (typ.)
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
Load regulation (1-100%) (typ.)
1%
1%
1%
1%
1%
1%
Minimum load
1%
1%
1%
1%
1%
1%
Maximum Capacitive Load (at 230VAC)
60000 uF
40000 uF
7200 uF
8600 uF
6600 uF
1400 uF
Output
Efficiency (typ.)
74%
81%
82%
84%
83%
83%
Model No.
( Dual Output )
AJC-5D
AJC-12D
AJC-15D
Max output wattage ( W )
40W
40W
40W
Output 1
Output 2
Output 1
Output 2
Output 1
Output 2
Voltage (V.DC.)
+5V
-5V
+12V
-12V
+15V
-15V
Current (mA) max
4000
4000
1666
1666
1333
1333
Voltage set accuracy
±2%
±2%
±2%
Line regulation (typ.)
0.5%
0.5%
0.5%
Load regulation (10-100%) (typ.)
1% (symmetric load)
1% (symmetric load)
1% (symmetric load)
Cross regulation (15-100%) (typ.)
±5%
±5%
±5%
Minimum load
10%
10%
10%
Maximum Capacitive Load (at 230VAC)
±12000 uF
±4400 uF
±1000 uF
Output
Efficiency (typ.)
81%
83%
83%
Model No.
( Dual Output )
AJC-5S12S
AJC-5S24S
Max output wattage ( W )
40W
40W
Output 1
Output 2
Output 1
Output 2
Voltage (V.DC.)
5V
12V
5V
24V
Current (mA) max
5000
1250
5000
625
Voltage set accuracy
±3%
±5%
±3%
±5%
Line regulation (typ.)
0.5%
5%
0.5%
5%
Load regulation (25-100%) (typ.)
2% (symmetric
load)
6% (symmetric
load)
2% (symmetric
load)
6% (symmetric
load)
Cross regulation(25-100%) (typ.)
±1%
±7%
±1%
±7%
Minimum load
25%
25%
Maximum Capacitive Load (at 230VAC)
10000 uF
470 uF
10000 uF
400 uF
Output
Efficiency (typ.)
82%
82%
KEY FEATURES
Switching Power Modules for PCB Mounting
Fully Encapsulated Plastic Case
Universal Input Range 90-264VAC, 47-440 Hz
Regulated Output and Low Ripple and Low Noise
Isolation Class II
-40
OC Starting
Small Size as ASC 30Watt and 40Watt Higher Wattage
CE, CB and UL Approval
3-Year Product Warranty


Similar Part No. - AJC_16

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
AJCS160N08I JSMC-AJCS160N08I Datasheet
461Kb / 8P
N-CHANNEL MOSFET
202104A
AJCS160N08I-C-B JSMC-AJCS160N08I-C-B Datasheet
461Kb / 8P
N-CHANNEL MOSFET
202104A
More results

Similar Description - AJC_16

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AFC ARCH-AFC Datasheet
495Kb / 5P
AC-DC Power Module
AFC-E1 ARCH-AFC-E1 Datasheet
495Kb / 5P
AC-DC Power Module
AOC ARCH-AOC Datasheet
117Kb / 3P
AC-DC Power Module
AEC60 ARCH-AEC60_12 Datasheet
321Kb / 3P
AC-DC Power Module
AHC08 ARCH-AHC08 Datasheet
216Kb / 4P
AC-DC Power Module
AHC-E1 ARCH-AHC-E1_12 Datasheet
273Kb / 3P
AC-DC Power Module
ANC50 ARCH-ANC50 Datasheet
296Kb / 7P
AC-DC Power Module
ANCA ARCH-ANCA Datasheet
323Kb / 4P
AC-DC Power Module
AHCN ARCH-AHCN Datasheet
152Kb / 2P
AC-DC Power Module
AHC-E1 ARCH-AHC-E1_16 Datasheet
121Kb / 2P
AC-DC Power Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com