Electronic Components Datasheet Search
  English  ▼

X  

ALF80 Datasheet(PDF) 4 Page - Arch Electronics Corp.

Part # ALF80
Description  LED Power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ALF80 Datasheet(HTML) 4 Page - Arch Electronics Corp.

  ALF80_16 Datasheet HTML 1Page - Arch Electronics Corp. ALF80_16 Datasheet HTML 2Page - Arch Electronics Corp. ALF80_16 Datasheet HTML 3Page - Arch Electronics Corp. ALF80_16 Datasheet HTML 4Page - Arch Electronics Corp. ALF80_16 Datasheet HTML 5Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VER : A_5
update : 2015.09.04
LED Power
ALF80 SERIES
80 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-4-
EFFICIENCY VERSUS LOAD
ALF80-24S
VIN
VS
Efficiency
LOAD
VS
Efficiency
Input Voltage (V)
90
115
180
230
264
Efficiency
(%)
87.50
88.50
90.20
90.30
90.27
Input Voltage (V)
277
305
Efficiency
(%)
90.40
90.50
Load (%)
0
10
20
30
40
50
115V (%)
0.00
87.30
89.00
85.00
86.40
87.50
230V (%)
0.00
82.50
86.10
87.80
88.30
88.50
Load (%)
60
70
80
90
100
115V (%)
88.20
88.70
88.80
89.00
89.00
230V (%)
88.50
89.20
89.70
90.00
90.25
75.00%
77.50%
80.00%
82.50%
85.00%
87.50%
90.00%
92.50%
95.00%
90V
115V180V230V264V
VIN
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
LOAD
ALF80-36S
VIN
VS
Efficiency
LOAD
VS
Efficiency
Input Voltage (V)
90
115
180
230
264
Efficiency
(%)
89.70
90.50
91.40
91.60
91.40
Input Voltage (V)
277
305
Efficiency
(%)
91.50
91.60
Load (%)
0
10
20
30
40
50
115V (%)
0.00
88.30
90.00
87.00
88.40
89.20
230V (%)
0.00
83.30
88.20
89.40
90.40
89.30
Load (%)
60
70
80
90
100
115V (%)
90.00
90.50
90.60
90.80
90.70
230V (%)
90.03
90.70
91.00
91.30
91.50
75.00%
77.50%
80.00%
82.50%
85.00%
87.50%
90.00%
92.50%
95.00%
90V
115V180V230V264V277V305V
VIN
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
LOAD



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com