Electronic Components Datasheet Search
  English  ▼

X  

APF100 Datasheet(PDF) 3 Page - Arch Electronics Corp.

Part # APF100
Description  Fully Isolated Plastic Case with IP67 Level
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

APF100 Datasheet(HTML) 3 Page - Arch Electronics Corp.

  APF100_16 Datasheet HTML 1Page - Arch Electronics Corp. APF100_16 Datasheet HTML 2Page - Arch Electronics Corp. APF100_16 Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
.
VER : B_2
update : 2015.09.04
LED Power
APF100 SERIES
100 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-3-
DIMMING OPERATION
Output constant current level can be adjusted through output cable by connecting a
3~10Vdc or 10V PWM signal between DIM+ and DIM-
I.
3~10V dimming function for output current adjustment (typ.)
0.0%
10.0%
20.0%
30.0%
40.0%
50.0%
60.0%
70.0%
80.0%
90.0%
100.0%
110.0%
3V
4V
5V
6V
7V
8V
9V
10V
DIM (V)
Io
(%)
II.
10V PWM signal for output current adjustment (typ.) : Frequency range:100Hz~3KHz
0.0%
10.0%
20.0%
30.0%
40.0%
50.0%
60.0%
70.0%
80.0%
90.0%
100.0%
110.0%
30%
40%
50%
60%
70%
80%
90%
100%
DIM(PWM)
Io
(%)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com