Electronic Components Datasheet Search
  English  ▼

X  

OPA684ID Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA684ID
Description  Low-Power, Current Feedback OPERATIONAL AMPLIFIER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA684ID Datasheet(HTML) 2 Page - Texas Instruments

  OPA684ID Datasheet HTML 1Page - Texas Instruments OPA684ID Datasheet HTML 2Page - Texas Instruments OPA684ID Datasheet HTML 3Page - Texas Instruments OPA684ID Datasheet HTML 4Page - Texas Instruments OPA684ID Datasheet HTML 5Page - Texas Instruments OPA684ID Datasheet HTML 6Page - Texas Instruments OPA684ID Datasheet HTML 7Page - Texas Instruments OPA684ID Datasheet HTML 8Page - Texas Instruments OPA684ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
OPA684
2
SBOS219D
www.ti.com
ABSOLUTE MAXIMUM RATINGS(1)
Power Supply ...............................................................................
±6.5V
DC
Internal Power Dissipation ................................. See Thermal Information
Differential Input Voltage ..................................................................
±1.2V
Input Voltage Range ............................................................................
±V
S
Storage Temperature Range: ID, IDBV ......................... –65
°C to +125°C
Junction Temperature (TJ ) ........................................................... +175°C
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
OPA684
SO-8
D
–40
°C to +85°C
OPA684D
OPA684ID
Rails, 100
""
"
"
"
OPA684IDR
Tape and Reel, 2500
OPA684
SOT23-6
DBV
–40
°C to +85°C
B84
OPA684IDBVT
Tape and Reel, 250
""
"
"
"
OPA684IDBVR
Tape and Reel, 3000
PACKAGE/ORDERING INFORMATION(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper han-
dling and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
1
2
3
6
5
4
Output
–V
S
Noninverting Input
+V
S
DIS
Inverting Input
12
3
65
4
B84
Pin Orientation/Package Marking
1
2
3
4
8
7
6
5
NC
Inverting Input
Noninverting Input
–V
S
DIS
+V
S
Output
NC
NC = No Connection
PIN CONFIGURATION
OPA684 RELATED PRODUCTS
SINGLES
DUALS
TRIPLES
FEATURES
OPA684
OPA2684
OPA3684
Low-Power CFBplus
OPA691
OPA2691
OPA3691
High Slew Rate CFB
OPA695
OPA2695
OPA3695
> 500MHz CFB
Top View
SO
Top View
SOT23
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum located at the end of this document, or see the TI website
at www.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com