Electronic Components Datasheet Search
  English  ▼

X  

TPS3103 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3103
Description  ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3103 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS3103 Datasheet HTML 9Page - Texas Instruments TPS3103 Datasheet HTML 10Page - Texas Instruments TPS3103 Datasheet HTML 11Page - Texas Instruments TPS3103 Datasheet HTML 12Page - Texas Instruments TPS3103 Datasheet HTML 13Page - Texas Instruments TPS3103 Datasheet HTML 14Page - Texas Instruments TPS3103 Datasheet HTML 15Page - Texas Instruments TPS3103 Datasheet HTML 16Page - Texas Instruments TPS3103 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TPS31xxExx, TPS31xxH20, TPS31xxK33
ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
SLVS363B − AUGUST 2001 − REVISED SEPTEMBER 2004
www.ti.com
13
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Supply current
vs Supply voltage at TA = −40°C, 0°C, 25°C, 85°C
4
VOL
Low-level output voltage
vs Low-level output current at TA = −40°C, 0°C, 25°C, 85°C at 0.9 V, 3.3 V
5, 6
VOH
High-level output voltage
vs High-level output current at TA = −40°C, 0°C, 25°C, 85°C at 0.9 V, 3.3 V
7, 8
tw
Minimum pulse duration at VDD
vs Threshold overdrive voltage
9
VIT
Normalized threshold voltage
vs Free-air temperature
10
Figure 4
0
2
4
6
8
10
12
14
16
18
20
0
0.5
1
1.5
2
2.5
3
TA = 85°C
TA = 25°C
TA = 0°C
TA = −40°C
VDD − Supply Voltage − V
TPS3110E09
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
SENSE = VDD
MR = Open
RESET = Open
WDI: Triggered
Figure 5
0
0.05
0.10
0.15
0.20
0.25
0.30
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
TA = 25°C
TA = 0°C
TA = −40°C
TA = 85°C
TPS3110E09
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL − Low-Level Output Current − mA
VDD = 0.9 V
SENSE = GND
MR = GND
WDI = GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com