Electronic Components Datasheet Search
  English  ▼

X  

TPS51116PWPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116PWPR
Description  Complete DDR, DDR2, DDR3, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 3-A LDO, Buffered Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51116PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS51116PWPR Datasheet HTML 3Page - Texas Instruments TPS51116PWPR Datasheet HTML 4Page - Texas Instruments TPS51116PWPR Datasheet HTML 5Page - Texas Instruments TPS51116PWPR Datasheet HTML 6Page - Texas Instruments TPS51116PWPR Datasheet HTML 7Page - Texas Instruments TPS51116PWPR Datasheet HTML 8Page - Texas Instruments TPS51116PWPR Datasheet HTML 9Page - Texas Instruments TPS51116PWPR Datasheet HTML 10Page - Texas Instruments TPS51116PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
TI Information — Selective Disclosure
TPS51116
www.ti.com
SLUS609I – MAY 2004 – REVISED JANUARY 2014
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, VV5IN = 5 V, VLDOIN is connected to VDDQ output (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UNDERVOLTAGE LOCKOUT/LOGIC THRESHOLD
Wake up
3.7
4.0
4.3
V5IN UVLO threshold
VUVV5IN
voltage
Hysteresis
0.2
0.3
0.4
No discharge
4.7
VTHMODE
MODE threshold
Non-tracking discharge
0.1
2.5 V output
0.08
0.15
0.25
V
VTHVDDQSET
VDDQSET threshold voltage
1.8 V output
3.5
4.0
4.5
VIH
High-level input voltage
S3, S5
2.2
VIL
Low-level input voltage
S3, S5
0.3
VIHYST
Hysteresis voltage
S3, S5
0.2
VINLEAK
Logic input leakage current
S3, S5, MODE
-1
1
μA
VINVDDQSET
Input leakage/ bias current
VDDQSET
-1
1
UNDERVOLTAGE AND OVERVOLTAGE PROTECTION
OVP detect
110%
115%
120%
VDDQ OVP trip threshold
VOVP
voltage
Hysteresis
5%
VDDQ OVP propagation
tOVPDEL
1.5
μs
delay (5)
UVP detect
70%
VUVP
Output UVP trip threshold
Hysteresis
10%
Output UVP propagation
tUVPDEL
32
delay(5)
cycle
tUVPEN
Output UVP enable delay(5)
1007
THERMAL SHUTDOWN
Shutdown temperature
160
TSDN
Thermal SDN threshold (5)
°C
Hysteresis
10
(5)
Specified by design. Not production tested.
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS51116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com