Electronic Components Datasheet Search
  English  ▼

X  

MAX Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # MAX
Description  Blade-Type Fuses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

MAX Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  MAX Datasheet HTML 1Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Catalog Symbol: MAX
Fast-Acting
Ampere Rating: 20 to 80 Amperes
Interrupting Rating: 1,000 Amperes
Ordering: Specify packaging and product code
Recommended Bussmann Fuseholders
Blade-Type
Part
Description
Fuse Size
Wire Size
HHX
Fuseholder w/Cover
#6 Lead Wire;
MAX
HHX-B
Body Only
20-60 Amps
5" Length
HHX-C
Cover Only
—
—
MAXI-FUSE
32 V
3 0
3 0
0"
850"
.
0
(21.6mm)
1.6mm)
1.6mm)
"
0.5""
(12.7mm)
2.7mm)
2.7mm)
0"
.350"
0
(8.9mm)
8.9mm)
8.9mm)
.315"
(8.0mm)
All tolerances:
±
0.20mm/-0.13mm
±
0.008"/-.005"
BUSS
MAXI-FUSE
32 V
CURRENT IN AMPERES
100
10
1
.1
.01
AMPERE
RATING
Time-Current Characteristic Curves–Average Melt
Dimensional Data
SPECIFICATIONS
Product
Body
Voltage
Code
Color
Rating DC
MAX-20
Yellow
32V
MAX-30
Green
32V
MAX-40
Orange
32V
MAX-50
Red
32V
MAX-60
Blue
32V
MAX-70
Tan
32V
MAX-80
Natural
32V
PACKAGING CODE
Packaging Code
Description
Blank
1 pieces of fuses packed in a tin
BK
250 pieces of fuses packed in a carton
Blade-Type Fuses
MAX Series
Visit us on the web at:
www.cooperbussmann.com
OC-2601
3/07
© Cooper Electronic
Technologies 2007
Cooper Electronic Technologies
1225 Broken Sound Parkway NW
Suite F
Boca Raton, FL 33487-3533
Tel: 1-561-998-4100
Fax: 1-561-241-6640
Toll Free: 1-888-414-2645
Cooper Bussmann
P.O. Box 14460
St. Louis, MO 63178-4460
Tel: 1-636-394-2877
Fax: 1-800-544-2570
Cooper Electronic Technologies
Cooper (UK) Limited
Burton-on-the-Wolds
Leicestershire • LE12 5TH UK
Tel: +44 (0) 1509 882 737
Fax: +44 (0) 1509 882 786
Cooper Electronic Technologies
Avda. Santa Eulalia, 290
08223
Terrassa, (Barcelona), Spain
Tel: +34 937 362 812
+34 937 362 813
Fax: +34 937 362 719
Asia Pacific
Cooper Electronic Technologies
1 Jalan Kilang Timor
#06-01 Pacific Tech Centre
Singapore 159303
Tel: +65 278 6151
Fax: +65 270 4160
North America
Europe
RoHS
2002/95/EC


Similar Part No. - MAX

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MAX MSYSTEM-MAX Datasheet
101Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
logo
Shanghai Mixinno Microe...
MAX 2018A MIXINNO-MAX 2018A Datasheet
383Kb / 9P
5W Single Channel Class F Audio Power Amplifier
Rev 1.3 Oct. 2013
logo
Altera Corporation
MAX 7000 ALTERA-MAX 7000 Datasheet
1Mb / 65P
Programmable Logic Device Family
September 2005, ver. 6.7
logo
List of Unclassifed Man...
MAX-100 ETC1-MAX-100 Datasheet
218Kb / 2P
HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
MAX-100 MDE-MAX-100 Datasheet
217Kb / 2P
HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - MAX

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
ATC-1 COOPER-ATC-1 Datasheet
211Kb / 1P
Automotive Blade Fuses
ATM-3 COOPER-ATM-3 Datasheet
83Kb / 1P
Blade-Type Fuses
ATM-4 COOPER-ATM-4 Datasheet
83Kb / 1P
Blade-Type Fuses
logo
Littelfuse
142.6185.5406 LITTELFUSE-142.6185.5406 Datasheet
290Kb / 2P
Blade Fuses
0257030.PXPV LITTELFUSE-0257030.PXPV Datasheet
175Kb / 2P
Blade Fuses
0999030.ZXN LITTELFUSE-0999030.ZXN Datasheet
255Kb / 2P
Blade Fuses
logo
Cooper Bussmann, Inc.
BK-ATC-30 COOPER-BK-ATC-30 Datasheet
251Kb / 2P
ATC Blade Fuses
ATC-1 COOPER-ATC-1_15 Datasheet
477Kb / 4P
Blade fuses
MAX-20 COOPER-MAX-20 Datasheet
78Kb / 1P
Blade-Type Fuses
logo
Eaton All Rights Reserv...
ATC EATON-ATC Datasheet
477Kb / 4P
Blade fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com