Electronic Components Datasheet Search
  English  ▼

X  

KTQ Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # KTQ
Description  Ferrule Type, Fast-Acting Fuses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

KTQ Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  KTQ Datasheet HTML 1Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10-2-02
SB02295
Ferrule Type, Fast-Acting Fuses
KTQ
For 13/32” x 1-3/8” (10.3mm x 35mm)
FormNo.KTQ
Page1of1
DataSheet:2045
Bussmann®
100
10
1
.1
.01
AMPERE
RATING
RMSSYMMETRICALCURRENTINAMPERES
Time-Current Characteristic Curves–Average Melt
(Full Size Curves Available)
Electrical Ratings (Catalog Symbol and Amperes)
600Volts AC
KTQ-1
KTQ-4
KTQ-1-6/10
KTQ-5
KTQ-2
KTQ-6
KTQ-3
1.375"(±0.031)
(35mm)
.41"(±0.004)
(10.3mm)
Dimensional Data
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this BIF document are by definition uncontrolled. This bulletin is intended to clear-
ly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any prod-
ucts and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been selected,
it should be tested by the user in all possible applications.
• Forcontrol,gaseousvaporfixture,andHIDballast;
electroniccircuits.
• Melaminecartridge.
• SlightlymoredelaythantypeBBStooverridetransient
currents.
• MountsinBusspanel-mountfuseholdersHPS-L,
BM-seriesblocks,or13/32”clips.
Test Specifications
Load
OpeningTime
110%
Indefinitely
135%
1hr.(max.)
CElogodenotescompliancewithEuropeanUnionLowVoltageDirective
(50-1000Vac,75-1500Vdc).RefertoDataSheet:8002orcontact
BussmannApplicationEngineeringat636-527-1270formoreinformation.
Catalog Symbol:
KTQ
Ferrule Type, Fast-Acting
1-6A
600Vac
Agency Information:
UL Recognized, STD 248-14, (Guide # JDYX2,
File E19 180)
Interrupt Rating:
10,000A RMS Sym.
Body Material:
Melamine
Ferrule Material:
Bronze
Ferrule Plating:
Nickel
Recommended fuseblocks/fuseholders for
13/32” x 1-1/2” fuses
See Data Sheets listed below
• Open fuseblocks - 1104, 2104
• Finger-safe fuseholders - 1109, 1102, 1103, 1151
• Panel-mount fuseholders - 2114, 2113, 2108,
2112, 2109, 2140
• In-line fuseholders - 2127, 2126
KTQFu
seSerie
sDiscon
tinued
Effective
July31,
2013
Recomm
endedR
eplacem
entisth
eBBSS
eries.
SeeDa
taShee
t#2010
forSpec
ification
s.


Similar Part No. - KTQ

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KTQ-1 COOPER-KTQ-1 Datasheet
74Kb / 1P
Ferrule Type, Fast-Acting Fuses
More results

Similar Description - KTQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATM1 ETC2-ATM1 Datasheet
401Kb / 1P
Fast-Acting Midget Fuses
logo
Cooper Bussmann, Inc.
BBS-1 COOPER-BBS-1 Datasheet
53Kb / 1P
Fast-Acting Ferrule Fuses
ATM-10 COOPER-ATM-10 Datasheet
83Kb / 1P
Blade-Type Fuses ATM Series, Fast Acting
DMM-B-44 COOPER-DMM-B-44 Datasheet
93Kb / 2P
Fast-Acting Ferrule Fuses
DMM-B-11A COOPER-DMM-B-11A Datasheet
93Kb / 2P
Fast-Acting Ferrule Fuses
BAN-20 COOPER-BAN-20 Datasheet
76Kb / 1P
Ferrule Type, Fast-Acting Fuses
SFE-20 COOPER-SFE-20 Datasheet
19Kb / 1P
Automotive Glass Fuses Fast-Acting Fast-Acting
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
fast-acting fuses
logo
Cooper Bussmann, Inc.
KTQ-1 COOPER-KTQ-1 Datasheet
74Kb / 1P
Ferrule Type, Fast-Acting Fuses
logo
Bourns Electronic Solut...
SF-2410F-T BOURNS-SF-2410F-T Datasheet
531Kb / 7P
Fast Acting SMD Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com