Electronic Components Datasheet Search
  English  ▼

X  

TPS72101DBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72101DBVT
Description  LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS72101DBVT Datasheet(HTML) 2 Page - Texas Instruments

  TPS72101DBVT Datasheet HTML 1Page - Texas Instruments TPS72101DBVT Datasheet HTML 2Page - Texas Instruments TPS72101DBVT Datasheet HTML 3Page - Texas Instruments TPS72101DBVT Datasheet HTML 4Page - Texas Instruments TPS72101DBVT Datasheet HTML 5Page - Texas Instruments TPS72101DBVT Datasheet HTML 6Page - Texas Instruments TPS72101DBVT Datasheet HTML 7Page - Texas Instruments TPS72101DBVT Datasheet HTML 8Page - Texas Instruments TPS72101DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TPS72101, TPS72115
TPS72116, TPS72118
SLVS352B – DECEMBER 2001 – REVISED MAY 2002
www.ti.com
2
Thesedevices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
TJ
VOLTAGE
PACKAGE
PART NUMBER
SYMBOL
Adjustable
TPS72101DBVT(1)
TPS72101DBVR(2)
PEKI
40
°Cto125°C
1.5 V
SOT-23
TPS72115DBVT(1)
TPS72115DBVR(2)
PEII
–40
°C to 125°C
1.6 V
SOT 23
(DBV)
TPS72116DBVT(1)
TPS72116DBVR(2)
PHFI
1.8 V
TPS72118DBVT(1)
TPS72118DBVR(2)
PEJI
(1) The DBVT indicates tape and reel of 250 parts.
(2) The DBVR indicates tape and reel of 3000 parts.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
TPS72101,TPS72115
TPS72116, TPS72118
Input voltage range(2)
– 0.3 V to 7 V
Voltage range at EN
–0.3 V to 7 V
Voltage on OUT, FB, NC
–0.3 V to VI + 0.3 V
Peak output current
Internallylimited
ESD rating, HBM
3 kV
Continuous total power dissipation
See Dissipation Rating Table
Operating virtual junction temperature range, TJ
– 40
°C to 150°C
Storage temperature range, Tstg
– 65
°C to 150°C
(1) Stressesbeyondthoselistedunder“absolutemaximumratings”maycausepermanentdamagetothedevice.Thesearestressratingsonly,and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltage values are with respect to network ground terminal.
PACKAGE DISSIPATION RATING
BOARD
PACKAGE
R
θJC
R
θJA
DERATING FACTOR
ABOVE TA = 25°C
TA ≤ 25°C
POWER RATING
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
Low K(1)
DBV
65.8
°C/W
259
°C/W
3.9 mW/
°C
386 mW
212 mW
154 mW
High K(2)
DBV
65.8
°C/W
180
°C/W
5.6 mW/
°C
555 mW
305 mW
222 mW
(1) TheJEDEC Low K (1s) board design used to derive this data was a 3 inch x 3 inch, two-layer board with 2 ounce copper traces on top of theboard.
(2) The JEDEC High K (2s2p) board design used to derive this data was a 3 inch x 3 inch, multilayer board with 1 ounce internal power and ground
planes and 2 ounce copper traces on top and bottom of the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com