Electronic Components Datasheet Search
  English  ▼

X  

TPS51116 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116
Description  Complete DDR, DDR2, DDR3, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 3-A LDO, Buffered Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51116 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS51116 Datasheet HTML 17Page - Texas Instruments TPS51116 Datasheet HTML 18Page - Texas Instruments TPS51116 Datasheet HTML 19Page - Texas Instruments TPS51116 Datasheet HTML 20Page - Texas Instruments TPS51116 Datasheet HTML 21Page - Texas Instruments TPS51116 Datasheet HTML 22Page - Texas Instruments TPS51116 Datasheet HTML 23Page - Texas Instruments TPS51116 Datasheet HTML 24Page - Texas Instruments TPS51116 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
f
0 +
1
2p
ESR
C
O
v
f
SW
3
R1 +
V
OUT * 0.75
0.75
R2
f
z1 +
1
2p
C
C
R
C
+
f
0
10
TI Information — Selective Disclosure
TPS51116
www.ti.com
SLUS609I – MAY 2004 – REVISED JANUARY 2014
6. Calculate CC. The purpose of CC is to cut DC component to obtain high DC feedback gain. However, as it
causes phase delay, another zero to cancel this effect at f0 frequency is need. This zero, ωz1, is determined
by Cc and Rc. Recommended
ωz1 is 10 times lower to the f0 frequency.
(22)
7. When using adjustable mode, determine the value of R1 and R2. .
(23)
D-CAP™ Mode Operation
A buck converter system using D-CAP™ Mode can be simplified as below.
Figure 4. Linearizing the Modulator
The PWM comparator compares the VDDQSNS voltage divided by R1 and R2 with internal reference voltage,
and determines the timing to turn on the high-side MOSFET. The gain and speed of the comparator is high
enough to keep the voltage at the beginning of each on cycle (or the end of off cycle) substantially constant. The
DC output voltage may have line regulation due to ripple amplitude that slightly increases as the input voltage
increase.
For the loop stability, the 0-dB frequency, f0, defined below need to be lower than 1/3 of the switching frequency.
(24)
As f0 is determined solely by the output capacitor’s characteristics, loop stability of D-CAP™ mode is determined
by the capacitor’s chemistry. For example, specialty polymer capacitors (SP-CAP) have CO in the order of
several 100
μF and ESR in range of 10 mΩ. These makes f0 in the order of 100 kHz or less and the loop is then
stable. However, ceramic capacitors have f0 at more than 700 kHz, which is not suitable for this operational
mode.
Although D-CAP™ mode provides many advantages such as ease-of-use, minimum external components
configuration and extremely short response time, due to not employing an error amplifier in the loop, sufficient
amount of feedback signal needs to be provided by external circuit to reduce jitter level.
The required signal level is approximately 15 mV at comparing point. This gives VRIPPLE = (VOUT/0.75) x 15 (mV)
at the output node. The output capacitor’s ESR should meet this requirement.
The external components selection is much simple in D-CAP™ mode.
1. Choose inductor. This section is the same as the current mode. Please refer to the instructions in the
Current Mode Operation section.
2. Choose output capacitor(s).Organic semiconductor capacitor(s) or specialty polymer capacitor(s) are
recommended. Determine ESR to meet required ripple voltage above. A quick approximation is shown in
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TPS51116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com