Electronic Components Datasheet Search
  English  ▼

X  

TPS72116DBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72116DBVT
Description  LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS72116DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS72116DBVT Datasheet HTML 2Page - Texas Instruments TPS72116DBVT Datasheet HTML 3Page - Texas Instruments TPS72116DBVT Datasheet HTML 4Page - Texas Instruments TPS72116DBVT Datasheet HTML 5Page - Texas Instruments TPS72116DBVT Datasheet HTML 6Page - Texas Instruments TPS72116DBVT Datasheet HTML 7Page - Texas Instruments TPS72116DBVT Datasheet HTML 8Page - Texas Instruments TPS72116DBVT Datasheet HTML 9Page - Texas Instruments TPS72116DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TPS72101, TPS72115
TPS72116, TPS72118
SLVS352B – DECEMBER 2001 – REVISED MAY 2002
www.ti.com
6
TYPICAL CHARACTERISTICS
Figure 10
TPS72118
LINE TRANSIENT RESPONSE
t – Time – ms
0
0.3
0.2
0.1
0.4 0.5
0.7
0.6
0.8 0.9
1
0
-1
2.8
1
3.8
IO = 150 mA
Co = 1 µF
dV
I
dt
+
0.4 V
µs
VI
VO
0.2
Figure 11
t – Time – ms
TPS72118
LOAD TRANSIENT RESPONSE
0
0
0.3
0.1
0.4 0.5
0.7
0.6
0.8 0.9
100
0
–100
50
1
VI = 2.8 V
Co = 1 µF
100
150
dI
O
dt
+
0.1A
µs
Figure 12
POWER UP / POWER DOWN
VI
VO
Co = 1 µF
Ci = 1 µF
RL = 12 Ω
0
1
2
3
4
5
6
t – Time – ms
030
20
10
40
50
70
60
80
90 100
Figure 13
DC DROPOUT VOLTAGE
vs
OUTPUT CURRENT
IO – Output Current – mA
TJ = 125°C
TJ = 25°C
TJ = –40°C
0
50
100
150
200
250
0
15
30
45
60
75
90 105 120 135 150
Figure 14
0
50
100
150
200
250
1.8
2.5
3.3
4
4.8
5.5
TPS72101
DROPOUT VOLTAGE
vs
INPUT VOLTAGE
VI – Input Voltage – V
TJ = 25°C
TJ = –40°C
TJ = 125°C
IO = 150 mA
Figure 15
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
TJ = 25°C
IO = 150 mA
MINIMUM REQUIRED INPUT VOLTAGE
vs
OUTPUT VOLTAGE
VO – Output Voltage – V
TJ = 125°C
TJ = –40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com