Electronic Components Datasheet Search
  English  ▼

X  

ESD40 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # ESD40
Description  ESD BS88 Offset blade tags
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

ESD40 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  ESD40 Datasheet HTML 1Page - Cooper Bussmann, Inc. ESD40 Datasheet HTML 2Page - Cooper Bussmann, Inc. ESD40 Datasheet HTML 3Page - Cooper Bussmann, Inc. ESD40 Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data 4101
Effective June 2015
Bussmann series
ESD BS88 Offset blade tags
EATON www.eaton.com
Catalogue symbol:
•
ESD(Amps)
Technical data:
•
Rated voltage: 550 V a.c. (gG) / 415 V a.c. (gM)
•
Rated current: 2 to 63 A
•
Breaking capacity: 80 kA
•
Class of operation: gG and gM
•
Size: F2
Standards/Approvals:
•
BS88
•
IEC 60269
•
Suitable for use in RoHS compliant applications
Fuse holders (ordered separately)
•
Safeloc 63ENS range
•
Safeclip SC63 range
Packaging:
•
MOQ 20
Table 1. Technical data
Part
number
Rated
voltage
Rated
current
(Amps)
Energy integrals I2t
(A2S)
Watts
loss
Dimensions (mm)
Product
Class
Weight
Pre-
arcing
Total at
415 V a.c.
W
A
B
D
E
F
N
ESD2
550 V a.c.
2
1.3
4.6
0.9
35.5
13.8
68
15
1.2
3.5
gG
20g
ESD4
550 V a.c.
4
8
27
1.4
35.5
13.8
68
15
1.2
3.5
gG
20g
ESD6
550 V a.c.
6
29
100
1.8
35.5
13.8
68
15
1.2
3.5
gG
20g
ESD10
550 V a.c.
10
120
400
2.1
35.5
13.8
68
15
1.2
3.5
gG
20g
ESD16
550 V a.c.
16
120
470
1.8
35.5
13.8
68
15
1.2
3.5
gG
20g
ESD20
550 V a.c.
20
260
1070
1.8
35.5
13.8
68
15
1.2
3.5
gG
20g
ESD25
550 V a.c.
25
560
2300
2
35.5
13.8
68
15
1.2
3.5
gG
20g
ESD32
550 V a.c.
32
710
3000
2.9
35.5
13.8
68
15
1.2
3.5
gG
20g
ESD40
415 V a.c.
40
1500
6000
3.2
35.5
17.5
68
15
1.2
3.5
gG
30g
ESD50
415 V a.c.
50
2700
8700
3.9
35.5
17.5
68
15
1.2
3.5
gG
30g
ESD63
415 V a.c.
63
5000
13,300
4.6
35.5
17.5
68
15
1.2
3.5
gG
30g
ESD63M80
415 V a.c.
63M80
12,700
40,000
3.4
35.5
21
68
15
1.2
3.5
gM
40g
ESD63M100
415 V a.c.
63M100
20,700
70,000
2.5
35.5
21
68
15
1.2
3.5
gM
40g
Outline drawing



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com