Electronic Components Datasheet Search
  English  ▼

X  

BC1 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # BC1
Description  Single Row Terminal Blocks Continued
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

BC1 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  BC1 Datasheet HTML 1Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
28
For additional product information, visit www.bussmann.com
Bottom Forward - BF
Skirted Access Side
Bottom Reverse - BR
Skirted Access Side
Terminal Block Covers
Available for Series A1000, A2000, A3000, A4000, B4000, LP2000, &
LP3000.
Three styles of UL 94V0 thermoplastic covers are offered in black. Covers
are ordered separately and supplied with two clips each, unless ordered
without clips. Optional markings may be specified (white on black).
Notes: Covers cannot be used with: • mounting plate options MP & MT.
• certain quick connect terminals.
• 0, 6, & 9 base/end styles on A2 or A3
Bulk Cover Clips: Series 1000 = CC1-J; Series 2000 & 3000 = CC2-J;
Series 4000 = CC4-J.
Cover Options
BB
Skirted access
on both sides.
Cover Options
BO
Skirted access
on one side only.
Cover Options
BC
Open access
on both sides.
Cover
Series
Poles
Markings
Options
nnnn
nn
nnnn
nnnn
nnnn
BB - skirted access, both sides, black
1 - 1000
02 to 36
BF - bottom forward
00 - without clips
BO - skirted access, one side, black
2 - 2000
TF - top forward
BC - open access, both sides, black*
3 - 3000
BR - bottom reverse
* Not available in 4000 Series
4 - 4000
TR - top reverse
Top Forward - TF
Top Reverse - TR
Standard Cover Markings
1
2
3
4
1
2
3
4
4
3
2
1
4
3
2
1
Cover Options - Single Row
All Series Accessories
Single Row Terminal Blocks Continued
nnnnnn - nnnn
A38 Series
nnnnnn - nnnn
B38 Series
T A 8
T B 8
Snap-On Covers for A38/B38 Series & CB2/CB3 Series
A38/B38Series
CB2/CB3Series
Poles
nnnnnn - nnnn
CB2 Series
nnnnnn - nnnn
CB3 Series
T O 2
T O 3
Poles
Terminal Blocks - Single Row
—


Similar Part No. - BC1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BC1 ETC-BC1 Datasheet
370Kb / 2P
Rheostat Variable Power Resistors
logo
Clarke International
BC1 CLARKE-BC1 Datasheet
2Mb / 16P
6V/12V 1A BATTERY CHARGER/MAINTAINER
DL1025
logo
Cooper Bussmann, Inc.
BC1-2 COOPER-BC1-2 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
List of Unclassifed Man...
BC1-DZ100050RJ ETC-BC1-DZ100050RJ Datasheet
370Kb / 2P
Rheostat Variable Power Resistors
BC1-DZ150050RJ ETC-BC1-DZ150050RJ Datasheet
370Kb / 2P
Rheostat Variable Power Resistors
More results

Similar Description - BC1

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N4170 CENTRAL-2N4170 Datasheet
57Kb / 1P
SCRs Continued)
logo
Cooper Bussmann, Inc.
TB100-08 COOPER-TB100-08 Datasheet
470Kb / 10P
Double Row Terminal Blocks
A50110507 COOPER-A50110507 Datasheet
938Kb / 23P
Single Row Terminal Blocks
logo
List of Unclassifed Man...
A207403R46 ETC2-A207403R46 Datasheet
2Mb / 6P
Terminal Blocks - Single Row
logo
Cooper Bussmann, Inc.
TB100-10 COOPER-TB100-10 Datasheet
112Kb / 2P
Double Row Terminal Blocks
logo
Eaton All Rights Reserv...
A2000 EATON-A2000 Datasheet
1Mb / 6P
Single Row Terminal Blocks
CB0 EATON-CB0 Datasheet
3Mb / 27P
Single Row Terminal Blocks
CB11 EATON-CB11 Datasheet
363Kb / 3P
Single Row Terminal Blocks
LP2 EATON-LP2 Datasheet
819Kb / 7P
Single Row Terminal Blocks
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
Terminal Blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com