Electronic Components Datasheet Search
  English  ▼

X  

ER201L Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # ER201L
Description  SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

ER201L Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  ER201L Datasheet HTML 1Page - Diode Semiconductor Korea ER201L Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Case:JEDEC DO--15
L,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight:
0.017 ounces,0.48 grams
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by20%.
ER202
L ER203L
ER204
L
ER206
L UNITS
Maximumrecurrent peak reverse voltage
VRRM
200
300
400
600
V
MaximumRMS voltage
VRMS
140
210
280
420
V
MaximumDCblocking voltage
VDC
200
300
400
600
V
Maximumaverage forw ard rectified current
9.5mmlead length,
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-wave
superimposed on rated load
@T
J=125
Maximum instantaneous forward voltage
@ 2.0A
VF
1.7
V
Maximum reverse current
@T
A=25
at rated DCblocking voltage @T
A=100
Maximumreverse recovery time (Note 1)
trr
ns
Typical junction capacitance
(Note 2)
CJ
pF
Typical thermal resistance
(Note 3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
100
The plastic material carries U/Lrecognition 94V-0
VOLTAGE RANGE: 100 --- 600 V
CURRENT: 2.0 A
DO - 15L
ER201L --- ER206L
SUPER FAST RECTIFIERS
40
35
62
0.95
1.25
200.0
A
5.0
Easily cleaned with alcohol,Isopropanol
and similar solvents
IF(AV)
2.0
ER201
L
100
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
70
3.Thermal resistance junction to ambient.
A
50.0
IR
IFSM
NOTE: 1. Measured with I
F=0.5A, IR=1A, Irr=0.25A.
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
A
- 55 ----- + 150
- 55 ----- + 150
Dimensions in millimeters
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - ER201L

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
ER201L BILIN-ER201L Datasheet
291Kb / 2P
SUPER FAST RECTIFIERS
More results

Similar Description - ER201L

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
SUPER FAST RECTIFIERS
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
SUPER FAST RECTIFIERS
SFF801 HY-SFF801 Datasheet
93Kb / 2P
SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com