Electronic Components Datasheet Search
  English  ▼

X  

ER302 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # ER302
Description  SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

ER302 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  ER302 Datasheet HTML 1Page - Diode Semiconductor Korea ER302 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Case:JEDEC DO--27,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.041 ounces,1.15 grams
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
ER302
ER303
ER304
ER306
UNITS
Maximum recurrent peak reverse voltage
VRRM
200
300
400
600
V
Maximum RMS voltage
VRMS
140
210
280
420
V
Maximum DC blocking voltage
VDC
200
300
400
600
V
Maximum average forw ard rectified current
9.5mm lead length,
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ 3.0A
VF
1.7
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage @T
A=100
Maximum reverse recovery time (Note 1)
trr
ns
Typical junction capacitance
(Note 2)
CJ
pF
Typical thermal resistance
(Note 3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
3.Thermal resistance junction to ambient.
A
150.0
IR
IFSM
NOTE: 1. Measured with I
F=0.5A, IR=1A, Irr=0.25A.
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
A
- 55 ----- + 150
- 55 ----- + 150
SUPER FAST RECTIFIERS
The plastic material carries U/L recognition 94V-0
VOLTAGE RANGE: 100 --- 600 V
CURRENT: 3.0 A
ER301
DO - 27
Easily cleaned with alcohol,Isopropanol
and similar solvents
IF(AV)
3.0
100
70
100
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
20
35
95
0.95
1.25
300.0
ER301---ER306
A
5.0
Dimensions in millimeters
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - ER302

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER302 PANJIT-ER302 Datasheet
66Kb / 2P
SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 3.0 Amperes)
logo
Transys Electronics
ER302 TRSYS-ER302 Datasheet
143Kb / 3P
SUPERFAST RECOVERY RECTIFIERS
logo
Micro Commercial Compon...
ER302 MCC-ER302 Datasheet
86Kb / 2P
3 Amp Super Fast Recovery Rectifier 50 to 600 Volts
logo
Pan Jit International I...
ER302 PANJIT-ER302 Datasheet
48Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
ER302 BILIN-ER302 Datasheet
93Kb / 2P
SUPER FAST RECTIFIER
More results

Similar Description - ER302

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
SUPER FAST RECTIFIERS
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
SUPER FAST RECTIFIERS
SFF801 HY-SFF801 Datasheet
93Kb / 2P
SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com