Electronic Components Datasheet Search
  English  ▼

X  

SF15L Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # SF15L
Description  SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SF15L Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  SF15L Datasheet HTML 1Page - Diode Semiconductor Korea SF15L Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Case:JEDEC A-405,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.008ounces,0.23 grams
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
SF12L
SF13L
SF14L
SF15L
SF16L
UNITS
Maximum recurrent peak reverse voltage
VRRM
100
150
200
300
400
V
Maximum RMS voltage
VRMS
70
105
140
210
280
V
Maximum DC blocking voltage
VDC
100
150
200
300
400
V
Maximum average forw ard rectified current
9.5mm lead length,
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ 1.0A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Maximum reverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
50
50.0
A
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
35
50
1.0
SUPER FAST RECTIFIER
SF11L
50
The plastic material carries U/L recognition 94V-0
VOLTAGE RANGE: 50 --- 400 V
CURRENT: 1.0 A
A-405
3. Thermal resistance f rom junction to ambient.
A
30.0
IR
IFSM
NOTE: 1. Measured with I
F=0.5A, IR=1A, Irr=0.25A.
2. Measured at 1.0MH
Z and applied rev erse v oltage of 4.0V DC.
- 55 ----- + 150
- 55 ----- + 150
35
10
1.25
0.95
15
SF11L --- SF16L
A
5.0
Easily cleaned with alcohol,Isopropanol
and similar solvents
IF(AV)
Dimensions in millimeters
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - SF15L

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SF15L JGD-SF15L Datasheet
161Kb / 2P
1.0 AMP. SUPER FAST RECTIFIERS
logo
Galaxy Semi-Conductor H...
SF15L BILIN-SF15L Datasheet
61Kb / 2P
SUPER FAST RECTIFIER
SF15L BILIN-SF15L Datasheet
595Kb / 2P
SUPER FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
SF15L LUGUANG-SF15L Datasheet
1Mb / 2P
Super Fast Rectifier
logo
Jinan Gude Electronic D...
SF15LG JGD-SF15LG Datasheet
168Kb / 2P
1.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
More results

Similar Description - SF15L

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
SF101 CHENYI-SF101 Datasheet
151Kb / 2P
SUPER FAST RECTIFIER
SF201 CHENYI-SF201 Datasheet
158Kb / 2P
SUPER FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
SUPER FAST RECTIFIER
SF51 BILIN-SF51 Datasheet
54Kb / 2P
SUPER FAST RECTIFIER
BYV27-50 BILIN-BYV27-50 Datasheet
124Kb / 2P
SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
UGP30A BILIN-UGP30A Datasheet
65Kb / 2P
SUPER FAST RECTIFIER
USF21 BILIN-USF21 Datasheet
61Kb / 2P
SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com